Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 163Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 164Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 165Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 166Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 167Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 168Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 169Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 170Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 165
PIC12F635/PIC16F636/639
FIGURE 15-7:
BROWN-OUT DETECT TIMING AND CHARACTERISTICS
TABLE 15-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT DETECT REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
11
—
18
—
24
μs
ms
VDD = 5.0V, -40°C to +85°C
Extended temperature
31
TWDT
Watchdog Timer Time-out Period
(no prescaler)
10
10
17
17
25
30
ms
ms
VDD = 5.0V, -40°C to +85°C
Extended temperature
32
TOST
Oscillation Start-up Timer Period
—
1024 TOSC
——
TOSC = OSC1 period
33*
TPWRT
Power-up Timer Period
28*
TBD
64
TBD
132*
TBD
ms
ms
VDD = 5.0V, -40°C to +85°C
Extended Temperature
34
TIOZ
I/O High-impedance from MCLR
Low or Watchdog Timer Reset
——
2.0
μs
35
VBOD
Brown-out Detect Voltage
2.025
—
2.175
V
36
TBOD
Brown-out Detect Pulse Width
100*
—
—
μsVDD ≤ VBOD (D005)
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VBOD
Reset (due to BOD)
VDD
(Device in Brown-out Detect)
(Device not in Brown-out Detect)
64 ms Time-out(1)
35
Note 1:
64 ms delay only if PWRTE bit in Configuration Word register is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com