Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-EKB Datasheet(PDF) 114 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-EKB Datasheet(HTML) 114 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-EKB Datasheet HTML 110Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 111Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 112Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 113Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 114Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 115Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 116Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 117Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 118Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 160 page
background image
Version 2.2
114
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
ODT DC Electrical Characteristics
The following table provides an overview of the ODT DC electrical characteristics. The values for RTT60Pd120, RTT60Pu120,
RTT120Pd240, RTT120Pu240, RTT40Pd80, RTT40Pu80, RTT30Pd60, RTT30Pu60, RTT20Pd40, RTT20Pu40 are not specification
requirements, but can be used as design guide lines:
ODT DC Electrical Characteristics, assuming RZQ = 240ohms +/- 1% entire operating
temperature range; after proper ZQ calibration(DDR3L)
MR1 A9,A6,A2
RTT
Resistor
Vout
Min.
Nom.
Max.
Unit
Notes
DDR3L
0,1,0
120Ω
RTT120Pd240
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ
1,2,3,4
RTT120Pu240
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ
1,2,3,4
RTT120
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ /2
1,2,5
0, 0, 1
60Ω
RTT60Pd120
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/2
1,2,3,4
RTT60Pu120
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/2
1,2,3,4
RTT60
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/4
1,2,5
0, 1, 1
40Ω
RTT40Pd80
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/3
1,2,3,4
RTT40Pu80
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/3
1,2,3,4
RTT40
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/6
1,2,5
1, 0, 1
30Ω
RTT30Pd60
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/4
1,2,3,4
RTT30Pu60
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/4
1,2,3,4
RTT30
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/8
1,2,5
1, 0, 0
20Ω
RTT20Pd40
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/6
1,2,3,4
RTT20Pu40
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/6
1,2,3,4
RTT20
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/12
1,2,5
Deviation of VM w.r.t. VDDQ/2, DVM
-5
+5
%
1,2,5,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com