Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-EKB Datasheet(PDF) 158 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-EKB Datasheet(HTML) 158 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 158Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 159Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 160Page - Nanya Technology Corporation.  
Zoom Inzoom in Zoom Outzoom out
 158 / 160 page
background image
Version 2.2
158
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Required time tVAC above VIH(AC) {below VIL(AC)} for DQ transition
Slew
Rate
[V/ns]
DDR3
DDR3L
Unit
800/1066
800/1066/
1333/1600
800/1066/
1333/1600
1866
2133
1066
1066/
1333/1600
1866
175mV [ps]
150mV[ps]
135mV [ps]
135mV [ps]
135 mV [ps]
160 mV [ps]
135 mV [ps]
130 mV [ps]
> 2.0
75
105
113
93
73
165
113
95
ps
2.0
57
105
113
93
73
165
113
95
ps
1.5
50
80
90
70
50
138
90
73
ps
1.0
38
30
45
25
5
85
45
30
ps
0.9
34
13
30
Note
Note
67
30
16
ps
0.8
29
Note
11
Note
Note
45
11
Note
ps
0.7
Note
Note
Note
-
-
16
Note
-
ps
0.6
Note
Note
Note
-
-
Note
Note
-
ps
0.5
Note
Note
Note
-
-
Note
Note
-
ps
<0.5
Note
Note
Note
-
-
Note
Note
-
ps
NOTE Rising input signal shall become equal to or greater than VIH(ac) level and falling input signal shall become
equal to or less than VIL(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com