Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 36 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 32Page - Semtech Corporation GS3241 Datasheet HTML 33Page - Semtech Corporation GS3241 Datasheet HTML 34Page - Semtech Corporation GS3241 Datasheet HTML 35Page - Semtech Corporation GS3241 Datasheet HTML 36Page - Semtech Corporation GS3241 Datasheet HTML 37Page - Semtech Corporation GS3241 Datasheet HTML 38Page - Semtech Corporation GS3241 Datasheet HTML 39Page - Semtech Corporation GS3241 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
36 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.6 PRBS Generator
The GS3241 includes an integrated PRBS generator which can produce a differential
PRBS7 or a divided clock signal on either output for system testing.
Note: When working with the PRBS Generator, please note the following.
•
The PRBS generator and checker can be active at the same time, however, the
generator can not be looped back on itself for error checking.
•
If the application requires adjustments to the default output swing, please see
Section 4.7.4.
•
The parameters referred to within this section are linked to their respective
registers in Table 4-7. For a complete list of registers and functions, please see
Section 5.
1. Select the PRBS generator as the source on the appropriate output:
To switch DDO0/DDO0 from data mode to PRBS generator mode, set
CTRL_OUTPUT0_SIGNAL_SEL = 1
To switch DDO1/DDO1 from data mode to PRBS generator mode, set
CTRL_OUTPUT1_SIGNAL_SEL = 1
2. The default device settings are configured to power down the device on loss of
input signal. If the PRBS generator is to be used without a valid input signal, then
the following automatic setting parameters must be disabled. This must be done to
ensure device is powered up and the outputs are active for the PRBS generator.
The following settings are required for PRBS generator on either output:
CTRL_AUTO_SLEEP = 0
CTRL_MANUAL_SLEEP = 0
The following settings are required when DDO1/DDO1 is selected as PRBS
output:
CTRL_OUTPUT1_AUTO_MUTE = 0
CTRL_OUTPUT1_MANUAL_MUTE = 0
CTRL_OUTPUT1_AUTO_DISABLE = 0
CTRL_OUTPUT1_MANUAL_DISABLE = 0
The following settings are required when DDO0/DDO0 is selected as PRBS
output:
CTRL_OUTPUT0_AUTO_MUTE = 0
CTRL_OUTPUT0_MANUAL_MUTE = 0
CTRL_OUTPUT0_AUTO_DISABLE = 0
CTRL_OUTPUT0_MANUAL_DISABLE = 0
3. Set the values within the following parameters which meet the needs of the
application:
CTRL_PRBS_GEN_SIGNAL_SELECT
CTRL_PRBS_GEN_CLK_SRC
CTRL_PRBS_GEN_DATA_RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com