Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 9Page - Semtech Corporation GS3241 Datasheet HTML 10Page - Semtech Corporation GS3241 Datasheet HTML 11Page - Semtech Corporation GS3241 Datasheet HTML 12Page - Semtech Corporation GS3241 Datasheet HTML 13Page - Semtech Corporation GS3241 Datasheet HTML 14Page - Semtech Corporation GS3241 Datasheet HTML 15Page - Semtech Corporation GS3241 Datasheet HTML 16Page - Semtech Corporation GS3241 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
13 of 108
Semtech
Proprietary & Confidential
www.semtech.com
Note: For GSPI Timing see Table 4-11: GSPI Timing Parameters.
PLL Loop Bandwidth
BWLOOP(125Mb/s)
Setting 0.0625x
—
10
—
kHz
8
Setting 0.125x
—
20
—
kHz
8
Setting 0.25x
—
38
—
kHz
8
Setting 0.5x (Default)
—
76
—
kHz
8
Setting 1.0x
—
150
—
kHz
8
BWLOOP(270Mb/s)
Setting 0.0625x
—
20
—
kHz
8
Setting 0.125x
—
40
—
kHz
8
Setting 0.25x
—
80
—
kHz
8
Setting 0.5x
—
160
—
kHz
8
Setting 1.0x (Default)
—
316
—
kHz
8
BWLOOP(1.485Gb/s)
Setting 0.0625x
—
110
—
kHz
8
Setting 0.125x
—
220
—
kHz
8
Setting 0.25x
—
440
—
kHz
8
Setting 0.5x (Default)
—
876
—
kHz
8
Setting 1.0x
—
1750
—
kHz
8
BWLOOP(2.97Gb/s)
Setting 0.0625x
—
220
—
kHz
8
Setting 0.125x
—
440
—
kHz
8
Setting 0.25x
—
880
—
kHz
8
Setting 0.5x (Default)
—
1.76
—
MHz
8
Setting 1.0x
—
3.5
—
MHz
8
Table Notes:
1. Values achieved with Semtech evaluation board and connector.
2. Measured using a clean input source.
3. Default value for CFG_EQ_INPUT_LAUNCH_SWING_COMP parameter in control register 0x18. The default parameter value is 80d (50h).
4. Default trace driver swing Setting.
5. Rise/Fall time was measured between 80% and 20%.
6. Please see 4.3.3.1 for the further definition on Synchronous and Asynchronous Lock Time.
7. This specification applies to and DDO1/DDO1 and DDO0/DDO0.
8. Please see PLL_LOOP_ BANDWIDTH_ 1 for the full range of loop bandwidth settings.
9. Output Driver Setting of 8.
10. Output Driver Setting of 36.
11. Max jitter occurs at the maximum cable length.
Table 2-3: AC Electrical Characteristics (Continued)
VCC_SDI, VCC_CORE, VDD = 1.8V ±5% and VCCO_0, VCCO_1 = +1.2/1.8/2.5V ±5%, TA = -40°C to +85°C, unless otherwise shown.
The rise/fall time of signals at source should not be more than 62ns.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com