Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 35Page - Semtech Corporation GS3241 Datasheet HTML 36Page - Semtech Corporation GS3241 Datasheet HTML 37Page - Semtech Corporation GS3241 Datasheet HTML 38Page - Semtech Corporation GS3241 Datasheet HTML 39Page - Semtech Corporation GS3241 Datasheet HTML 40Page - Semtech Corporation GS3241 Datasheet HTML 41Page - Semtech Corporation GS3241 Datasheet HTML 42Page - Semtech Corporation GS3241 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
39 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.7 Output Drivers
The GS3241 features two independently-configurable output drivers (see Figure 3-3),
with data (re-timed or bypassed) available on both outputs. The two drivers provide
highly-configurable amplitude and pre-emphasis control. The signal on the outputs can
be inverted to help with signal polarity when layout requires trace inversion. The PRBS
generator is available on both outputs. The LOS (Loss Of Signal) status from the
equalizer stage can be used to automatically mute or disable the outputs on their
assertion. The Loss of Lock status from the CDR block can be used to mute the outputs.
The trace drivers can be configured to mute or disable during sleep. The sleep control
modes takes precedence over the manual or automatic LOS and Loss of Lock output
control modes.
Note: The <n> in the control parameter names refers to the output number. Output 0 is
the trace driver output DDO0 and output 1 is the trace driver output DDO1.
4.7.1 Bypassed Re-timer Signal Output Control
With the default power-up settings, the GS3241 outputs will automatically switch to the
bypassed signal (non-re-timed) whenever the PLL is unlocked. Alternatively, manual
re-timer bypass may be configured by setting the CTRL_OUTPUT<n>_RETIMER_
AUTO_BYPASS and CTRL_OUTPUT<n>_RETIMER_MANUAL_BYPASS parameters in
register 0x4C to 0b and 1b respectively via the host interface, in which case the PLL will
remain bypassed for all rates.
The re-timer bypass function, manual or automatic, does not affect the input
equalization function of the device.
If both outputs are manually disabled, then the device will power down the CDR block
and features of the re-timer such as rate detect and lock detect will no longer be
accessible in this mode.
4.7.2 Output Driver Polarity Inversion
While in data mode, the signal polarity may be inverted at the outputs through the
CTRL_OUTPUT<n>_ DATA_ INVERT parameters in register 0x48. This may be useful to
compensate for an inverted upstream signal or to facilitate board signal routing. To
invert the polarity of either of the two output drivers, write 1b to control parameter
CTRL_OUTPUT<n>_DATA_ INVERT.
4.7.3 Output Driver Data Rate Selection
By default, the GS3241 uses the SD trace driver output group settings for all data rates,
regardless of CDR lock condition or data rate being applied. The following parameters
are used to control the output for all data rates in the default condition:
CFG_OUTPUT<n>_TD_SD_DRIVER_SWING
CFG_OUTPUT<n>_TD_SD_PREEMPH_WIDTH
CFG_OUTPUT<n>_TD_SD_PREEMPH_AMPL
CFG_OUTPUT<n>_TD_SD_PREEMPH_PWRDWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com