Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 57Page - Semtech Corporation GS3241 Datasheet HTML 58Page - Semtech Corporation GS3241 Datasheet HTML 59Page - Semtech Corporation GS3241 Datasheet HTML 60Page - Semtech Corporation GS3241 Datasheet HTML 61Page - Semtech Corporation GS3241 Datasheet HTML 62Page - Semtech Corporation GS3241 Datasheet HTML 63Page - Semtech Corporation GS3241 Datasheet HTML 64Page - Semtech Corporation GS3241 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
61 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.9.10 Default GSPI Operation
By default at power up or after a device reset, the GS3241 is set for Loop-Through
Operation and the internal DEV_UNIT_ADDRESS field of the device is set to 0.
Figure 4-36 shows a functional block diagram of the Configuration and Status Register
(CSR) map in the GS3241.
Figure 4-36: Internal Register Map Functional Block Diagram
The steps required for the application host processor to write to the Configuration and
Status Registers via the GSPI, are as follows:
1. Set Command Word 1 for write access (R/W = 0); set Auto Increment; set the Unit
Address field in the Command Word 1 to match the configured
DEV_UNIT_ADDRESS which will be zero after power-up. Set the Register Address
bits in Command Word 1 to match the upper 7 bits of the register address to be
accessed. Set the bits in Command Word 2 to match the lower 16 bits of the register
address to be accessed. Write Command Word 1 and Command Word 2.
2. Write the Data Word to be written to the first register.
3. Write the Data Word to be written to the next register in Auto Increment mode, etc.
Read access is the same as the above with the exception of step 1, where the Command
Word 1 is set for read access (R/W = 1).
Note: The UNIT ADDRESS field of Command Word 1 must always match
DEV_UNIT_ADDRESS for an access to be accepted by the device. Changing
DEV_UNIT_ADDRESS to a value other than 0 is only required if multiple devices are
connected to a single chip select (in Loop-Through or Bus-Through configuration).
Reg 0
Compare
Configuration and Status Registers
Read/Write
Data to be written / Read Data
DATA
[15:0]
DEV_UNIT_ADDRESS
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH
_ENABLE
RESERVED
bits
[4:0]
[13]
[14]
[15]
bits
RESERVED
[12:5]
Lower 16 bits of Register Address
COMMAND 2
[15:0]
bits
[12]
[6:0]
COMMAND 1
At power-up or after a device reset, DEV_UNIT_ADDRESS = 00
h
[11:7]
[13]
[14]
bits
Register Address
Upper 7 bits
R/W
Unit Address
32 devices
BCAST
ALL
Auto
Inc
EMEM
[15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com