Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 7Page - Semtech Corporation GS3241 Datasheet HTML 8Page - Semtech Corporation GS3241 Datasheet HTML 9Page - Semtech Corporation GS3241 Datasheet HTML 10Page - Semtech Corporation GS3241 Datasheet HTML 11Page - Semtech Corporation GS3241 Datasheet HTML 12Page - Semtech Corporation GS3241 Datasheet HTML 13Page - Semtech Corporation GS3241 Datasheet HTML 14Page - Semtech Corporation GS3241 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
11 of 108
Semtech
Proprietary & Confidential
www.semtech.com
Supply Current—Analog
Core
ICC_CORE
CDR Locked to Rate
—
124
142
mA
—
CDR Unlocked During
Rate Search
—
182
—
mA
—
PRBS Generator Enabled
—
119
—
mA
4,5
PRBS Checker Enabled
—
60
—
mA
4
Eye Monitor Enabled
—
54
—
mA
4
Supply Current—Cable
Equalizer
ICC_SDI
—
—
55
75
mA
—
Supply Current—Digital
Logic
IDD
—
—
15
18
mA
—
DDO Output Common
Mode Voltage
VCMOUT
——
VCMOUT=
VCCO -
ΔVDDO/2
—
2
DDO
Output Termination
Differential
—
100
—
Ω
2
SDI Input Termination
Between SDI and GND
—
75
—
Ω
—
Input Voltage—Digital Pins
(CS, SDIN, SCLK, GPIO[0:3])
VIH
0.65*
VDD
—VDD
V
—
VIL
0—
0.35*
VDD
V—
Output Voltage—Digital Pins
(SDOUT, GPIO[0:3])
VOH
IOH = -5mA
VDD -
0.45
——
V
—
VOL
IOL = +5mA
—
—
0.45
V
—
Notes:
1. Pre-emphasis is disabled.
2. This applies for DDO0 and DDO1.
3. The specifications provided are per symbol, not a combined value.
4. Current listed is an increase to ICC_CORE when stated condition is true.
5. Selected clock source = VCO free running.
Table 2-2: DC Electrical Characteristics (Continued)
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com