Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 90 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 90 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 86Page - Semtech Corporation GS3241 Datasheet HTML 87Page - Semtech Corporation GS3241 Datasheet HTML 88Page - Semtech Corporation GS3241 Datasheet HTML 89Page - Semtech Corporation GS3241 Datasheet HTML 90Page - Semtech Corporation GS3241 Datasheet HTML 91Page - Semtech Corporation GS3241 Datasheet HTML 92Page - Semtech Corporation GS3241 Datasheet HTML 93Page - Semtech Corporation GS3241 Datasheet HTML 94Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
90 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4A
CONTROL_
OUTPUT_
DISABLE
RSVD
15:4
R/W
0
Reserved - do not modify.
CTRL_OUTPUT1_
MANUAL_DISABLE
3R/W
0
Controls disable for trace driver output1
(DDO1) when auto disable
(CTRL_OUTPUT1_AUTO_DISABLE = 0) is
disabled.
0 = Enable output driver
1 = Disable (power down) output driver.
CTRL_OUTPUT1_
AUTO_DISABLE
2R/W
0
Select automatic or manual disable
control for trace driver output1 (DDO1).
0 = Disable auto disable mode
1 = Enable auto disable mode
If CTRL_OUTPUT1_AUTO_DISABLE = 0,
then
CTRL_OUTPUT1_MANUAL_DISABLE
controls mute for DDO1.
CTRL_OUTPUT0_
MANUAL_DISABLE
1R/W
0
Controls disable for trace driver output0
(DDO0) when auto disable
(CTRL_OUTPUT0_AUTO_DISABLE = 0) is
disabled.
0 = Enable output driver
1 = Disable (power down) output driver.
CTRL_OUTPUT0_
AUTO_DISABLE
0R/W
0
Select automatic or manual disable
control for trace driver output0 (DDO0).
0 = Disable auto disable mode
1 = Enable auto disable mode
If CTRL_OUTPUT0_AUTO_DISABLE = 0,
then
CTRL_OUTPUT0_MANUAL_DISABLE
controls mute for DDO0.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com