Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3241 Datasheet(PDF) 57 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 57 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 53Page - Semtech Corporation GS3241 Datasheet HTML 54Page - Semtech Corporation GS3241 Datasheet HTML 55Page - Semtech Corporation GS3241 Datasheet HTML 56Page - Semtech Corporation GS3241 Datasheet HTML 57Page - Semtech Corporation GS3241 Datasheet HTML 58Page - Semtech Corporation GS3241 Datasheet HTML 59Page - Semtech Corporation GS3241 Datasheet HTML 60Page - Semtech Corporation GS3241 Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
57 of 108
Semtech
Proprietary & Confidential
www.semtech.com
4.9.7 Single Read/Write Access
Single read/write access timing for the GSPI interface is shown in Figure 4-26 to
Figure 4-30.
When performing a single read or write access, one Data Word is read from/written to
the device per access. Each access is a minimum of 48-bits long, consisting of two
Command Words and a single Data Word. The read or write cycle begins with a
HIGH-to-LOW transition of the CS pin. The read or write access is terminated by a
LOW-to-HIGH transition of the CS pin.
Table 4-11: GSPI Timing Parameters
Parameter
Symbol
Equivalent
SCLK
Cycles
Min
Typ
Max
Units
SCLK Frequency
—
—
—
—
27
MHz
CS LOW Before SCLK Rising Edge
t0
—1.7
—
—
ns
SCLK Period
t1
—37
—
—
ns
SCLK Duty Cycle
t2
—40
50
60
%
Input Data Setup Time
t3
—2.3
—
—
ns
SCLK Idle Time – Write
t4
1
1/SCLK
—
—
ns
SCLK Idle Time – Read
t5
—
138
—
—
ns
Inter–Command Delay Time
tcmd
3
115
—
—
ns
Inter–Command Delay Time (after
GSPI configuration write)
tcmd_GSPI_conf
1
4
139
—
—
ns
SDOUT After SCLK Falling Edge
t6
—
1.3
—
6.4
ns
CS HIGH After Final SCLK Falling
Edge
t7
—0
—
—
ns
Input Data Hold Time
t8
—1.2
—
—
ns
CS HIGH Time
t9
—58
—
—
ns
SDIN to SDOUT Combinatorial
Delay
——
—
—
3.4
ns
Max chips daisy-chained at max
SCLK frequency (26 MHz)
When host clocks in SDOUT
data on falling edge of SCLK
——
8
# of
compatible
Semtech
devices
Max frequency for 32
daisy-chained devices
When host clocks in SDOUT
data on falling edge of SCLK
——
7.5
MHz
Note:
1. tcmd_GSPI_conf inter-command delay must be used whenever modifying CONTROL_REG register at address 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com