Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2336UTM Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336UTM Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LMX2336UTM Datasheet HTML 23Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 24Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 25Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 26Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 27Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 28Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 29Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 30Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Charge Pump Current Specification Definitions
10136783
I1 = Charge Pump Sink Current at VDo =VP − ∆V
I2 = Charge Pump Sink Current at VDo =VP/2
I3 = Charge Pump Sink Current at VDo = ∆V
I4 = Charge Pump Source Current at VDo =VP − ∆V
I5 = Charge Pump Source Current at VDo =VP/2
I6 = Charge Pump Source Current at VDo = ∆V
∆V = Voltage offset from the positive and negative rails. Dependent on the VCO tuning range relative to VCC and GND. Typical values are between 0.5V and
1.0V.
VP refers to either VP RF1 or VP RF2
VDo refers to either VDo RF1 or VDo RF2
IDo refers to either IDo RF1 or IDo RF2
Charge Pump Output Current Magnitude Variation Vs Charge Pump Output Voltage
10136763
Charge Pump Output Sink Current Vs Charge Pump Output Source Current Mismatch
10136764
Charge Pump Output Current Magnitude Variation Vs Temperature
10136765
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com