Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2336UTM Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336UTM Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LMX2336UTM Datasheet HTML 29Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 30Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 31Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 33Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 34Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 35Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 36Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
1.0 Functional Description
The basic phase-lock-loop (PLL) configuration consists of a
high-stability crystal reference oscillator, a frequency synthe-
sizer such as the National Semiconductor LMX2335U or
LMX2336U, a voltage controlled oscillator (VCO), and a
passive loop filter. The frequency synthesizer includes a
phase detector, current mode charge pump, programmable
reference R and feedback N frequency dividers. The VCO
frequency is established by dividing the crystal reference
signal down via the reference divider to obtain a comparison
reference frequency. This reference signal, F
r, is then pre-
sented to the input of a phase/frequency detector and com-
pared with the feedback signal, F
p, which was obtained by
dividing the VCO frequency down by way of the feedback
divider. The phase/frequency detector measures the phase
error between the F
r and Fp signals and outputs control
signals that are directly proportional to the phase error. The
charge pump then pumps charge into or out of the loop filter
based on the magnitude and direction of the phase error.
The loop filter converts the charge into a stable control
voltage for the VCO. The phase/frequency detector’s func-
tion is to adjust the voltage presented to the VCO until the
feedback signal’s frequency and phase match that of the
reference signal. When this “Phase-Locked” condition exists,
the VCO frequency will be N times that of the comparison
frequency, where N is the feedback divider ratio.
1.1 REFERENCE OSCILLATOR INPUT
The reference oscillator frequency for both the RF1 and RF2
PLLs is provided from an external reference via the OSC
in
pin. The reference buffer circuit supports input frequencies
from 5 to 40 MHz with a minimum input sensitivity of 0.5 V
PP.
The reference buffer circuit has an approximate V
CC/2 input
threshold and can be driven from an external CMOS or TTL
logic gate. Typically, the OSC
in pin is connected to the output
of a crystal oscillator.
1.2 REFERENCE DIVIDERS (R COUNTERS)
The reference dividers divide the reference input signal,
OSC
in, by a factor of R. The output of the reference divider
circuits feeds the reference input of the phase detector. This
reference input to the phase detector is often referred to as
the comparison frequency. The divide ratio should be chosen
such that the maximum phase comparison frequency (FφRF1
or FφRF2) of 10 MHz is not exceeded.
The RF1 and RF2 reference dividers are each comprised of
15-bit CMOS binary counters that support a continuous in-
teger divide ratio from 3 to 32767. The RF1 and RF2 refer-
ence divider circuits are clocked by the output of the refer-
ence buffer circuit which is common to both.
1.3 PRESCALERS
The f
IN RF1 (fIN RF2) and fIN RF1 (fIN RF2) input pins of the
LMX2336U device drives the input of a bipolar, differential-
pair amplifier. The output of the bipolar, differential-pair am-
plifier drives a chain of ECL D-type flip-flops in a dual modu-
lus configuration. The output of the prescaler is used to clock
the subsequent feedback dividers. The complementary in-
puts of both the RF1 and RF2 synthesizers can be driven
differentially, or the negative input can be AC coupled to
ground through an external capacitor for single ended con-
figuration. A 64/65 or a 128/129 prescale ratio can be se-
lected for the both the RF1 and RF2 synthesizers. On the
other hand, the LMX2335U PLL is only intended for single
ended operation. Similarly, a 64/65 or a 128/129 prescale
ratio can be selected for both the RF1 and RF2 synthesizers.
1.4 PROGRAMMABLE FEEDBACK DIVIDERS (N
COUNTERS)
The programmable feedback dividers operate in concert with
the prescalers to divide the input signal f
IN by a factor of N.
The output of the programmable reference divider is pro-
vided to the feedback input of the phase detector circuit. The
divide ratio should be chosen such that the maximum phase
comparison frequency (FφRF1 or FφRF2) of 10 MHz is not
exceeded.
The programmable feedback divider circuit is comprised of
an A counter (swallow counter) and a B counter (program-
mble binary counter). The RF1 N_CNTRA counter and RF2
N_CNTRA counter are both 7-bit CMOS swallow counters,
programmable from 0 to 127. The RF1 N_CNTRB and RF2
N_CNTRB counters are both 11-bit CMOS binary counters,
programmable from 3 to 2047. A continuous integer divide
ratio is achieved if N
≥ P * (P−1), where P is the value of the
prescaler selected. Divide ratios less than the minimum con-
tinuous divide ratio are achievable as long as the binary
programmable counter value is greater than the swallow
counter value (N_CNTRB
≥ N_CNTRA). Refer to Sections
2.5.1, 2.5.2, 2.7.1 and 2.7.2 for details on how to program
the N_CNTRA and N_CNTRB counters. The following equa-
tions are useful in determining and programming a particular
value of N:
N = (P x N_CNTRB) + N_CNTRA
f
IN = NxF
φ
Definitions:
Fφ:
RF1 or RF2 phase detector comparison
frequency
f
IN:
RF1 or RF2 input frequency
N_CNTRA: RF1 or RF2 A counter value
N_CNTRB: RF1 or RF2 B counter value
P:
Preset
modulus
of
the
dual
moduIus
prescaler
LMX2335U RF1 synthesizer: P = 64 or 128
LMX2336U RF1 synthesizer: P = 64 or 128
LMX2335U RF2 synthesizer: P = 64 or 128
LMX2336U RF2 synthesizer: P = 64 or 128
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com