Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2336UTM Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336UTM Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LMX2336UTM Datasheet HTML 26Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 27Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 28Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 29Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 30Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 31Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 33Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Test Setups (Continued)
LMX2335U and LMX2336U OSC
in Sensitivity Test Setup
10136741
The block diagram above illustrates the setup required to
measure the LMX2336U device’s OSC
in buffer sensitivity
level. The same setup is used for the LMX2336TMEB/
LMX2336SLEEB Evaluation Boards. This setup is similar to
the f
IN sensitivity setup except that the signal generator is
now connected to the OSC
in pin and both fIN pins are tied to
V
CC. The 51
Ω shunt resistor matches the OSC
in input to the
signal generator. The R counter is typically set to 1000, i.e.
RF1 R_CNTR Word = 1000 or RF2 R_CNTR Word = 1000.
The reference divider output is routed to the F
oLD pin by
selecting the RF1 PLL R Divider Output word (F
oLD Word
= 2 or 10) or the RF2 PLL R Divider Output word (F
oLD
Word = 1 or 9) in Code Loader. Similarly, a Universal
Counter is connected to the F
oLD pin and is tied to the 10
MHz reference output from the signal generator. The output
of the reference divider is monitored and should be equal to
OSC
in/ RF1 R_CNTR or OSCin/ RF2 R_CNTR.
Again, V
CC is swept from 2.7V to 5.5V. The OSCin input
frequency and voltage level are then swept with the signal
generator. The measurements are repeated at different tem-
peratures, namely T
A = -40˚C, +25˚C, and +85˚C. Sensitivity
is reached when the frequency error of the divided input
signal is greater than or equal to 1 Hz.
The LMX2335U OSC
in sensitivity test setup is very much
similar to the above test setup.
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com