Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2336UTM Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336UTM Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2336UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 33Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 34Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 35Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 36Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 37Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 38Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 39Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
2.0 Programming Description
2.1 MICROWIRE INTERFACE
The 22-bit shift register is loaded via the MICROWIRE interface. The shift register consists of a 20-bit Data[19:0] Field and a 2-bit
Address[1:0] Field as shown below. The Address Field is used to decode the internal control register address. When LE
transitions HIGH, data stored in the shift register is loaded into one of 4 control registers depending on the state of the address
bits. The MSB of Data is loaded in first. The Data Field assignments are shown in Section 2.3 CONTROL REGISTER CONTENT
MAP.
MSB
LSB
Data[19:0]
Address[1:0]
21
2 1
0
2.2 CONTROL REGISTER LOCATION
The address bits Address[1:0] decode the internal register address. The table below shows how the address bits are mapped into
the target control register.
Address[1:0]
Target
Field
Register
0
0
RF2 R
0
1
RF2 N
1
0
RF1 R
1
1
RF1 N
2.3 CONTROL REGISTER CONTENT MAP
The control register content map describes how the bits within each control register are allocated to specific control functions.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com