Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2336UTM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2336UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2336UTM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2336UTM Datasheet HTML 1Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 2Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 3Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 4Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 5Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 6Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 7Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 8Page - National Semiconductor (TI) LMX2336UTM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Pin Descriptions (Continued)
Pin
Name
Pin No.
LMX2336U
20-Pin
UTCSP
Pin No.
LMX2336U
20-Pin
TSSOP
Pin No.
LMX2336U
24-Pin
CSP
Pin No.
LMX2335U
16-Pin
TSSOP
Pin No.
LMX2335U
16-Pin
CSP
I/O
Description
GND
13
14
16
X
X
–
LMX2335U: Don’t care.
LMX2336U: Ground for the RF2 PLL analog
circuitry.
f
IN RF2
14
15
17
X
X
I
LMX2335U: Don’t care.
LMX2336U: RF2 PLL prescaler complementary
input. For single ended operation, this pin should
be AC grounded. The LMX2336U RF2 PLL can
be driven differentially when the bypass
capacitor is omitted.
f
IN RF2
15
16
18
12
11
I
RF2 PLL prescaler input. Small signal input from
the VCO.
GND
16
17
19
13
12
−
LMX2335U: Ground for the RF2 PLL analog and
digital circuits, MICROWIRE, F
oLD and oscillator
circuits. LMX2336U: Ground for the RF2 PLL
digital circuitry, MICROWIRE, F
oLD and
oscillator circuits.
D
o
RF2
17
18
20
14
13
O
RF2 PLL charge pump output. The output is
connected to the external loop filter, which drives
the input of the VCO.
V
P
RF2
18
19
22
15
14
–
RF2 PLL charge pump power supply. Must be
≥
V
CC.
V
CC
19
20
23
16
15
–
Power supply bias for the RF2 PLL analog and
digital circuits, MICROWIRE, F
oLD and oscillator
circuits. V
CC may range from 2.7V to 5.5V.
Bypass capacitors should be placed as close as
possible to this pin and be connected directly to
the ground plane.
NC
X
X
1, 9, 13,
21
X
X
–
LMX2335U: Don’t Care.
LMX2336U: No connect.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com