Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 42Page - STMicroelectronics STM32WB55CE Datasheet HTML 43Page - STMicroelectronics STM32WB55CE Datasheet HTML 44Page - STMicroelectronics STM32WB55CE Datasheet HTML 45Page - STMicroelectronics STM32WB55CE Datasheet HTML 46Page - STMicroelectronics STM32WB55CE Datasheet HTML 47Page - STMicroelectronics STM32WB55CE Datasheet HTML 48Page - STMicroelectronics STM32WB55CE Datasheet HTML 49Page - STMicroelectronics STM32WB55CE Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 165 page
background image
Functional overview
STM32WB55xx
46/165
DS11929 Rev 3
3.20
Timers and watchdogs
The STM32WB55xx includes one advanced 16-bit timer, one general-purpose 32-bit timer,
two 16-bit basic timers, two low-power timers, two watchdog timers and a SysTick timer.
Table 13 compares the features of the advanced control, general purpose and basic timers.
3.20.1
Advanced-control timer (TIM1)
The advanced-control timer can be seen as a three-phase PWM multiplexed on six
channels. They have complementary PWM outputs with programmable inserted
dead-times. They can also be seen as complete general-purpose timers. The four
independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability (0-
100%)
•
One-pulse mode output
In debug mode, the advanced-control timer counter can be frozen and the PWM outputs
disabled to turn off any power switches driven by these outputs.
Many features are shared with those of the general-purpose TIMx timers (described in
Section 3.20.2) using the same architecture, so the advanced-control timers can work
together with the TIMx timers via the Timer Link feature for synchronization or event
chaining.
3.20.2
General-purpose timers (TIM2, TIM16, TIM17)
There are up to three synchronizable general-purpose timers embedded in the
STM32WB55xx (see Table 13 for differences). Each general-purpose timer can be used to
generate PWM outputs, or act as a simple time base.
•
TIM2
–
Full-featured general-purpose timer
Table 13. Timer features
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1
16-bits
Up, down,
Up/down
Any integer
between 1
and 65536
Yes
43
General
purpose
TIM2
32-bits
Up, down,
Up/down
4No
General
purpose
TIM16
16-bits
Up
2
1
General
purpose
TIM17
16-bits
Up
2
1
Low power
LPTIM1
LPTIM2
16-bits
Up
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com