Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 86Page - STMicroelectronics STM32WB55CE Datasheet HTML 87Page - STMicroelectronics STM32WB55CE Datasheet HTML 88Page - STMicroelectronics STM32WB55CE Datasheet HTML 89Page - STMicroelectronics STM32WB55CE Datasheet HTML 90Page - STMicroelectronics STM32WB55CE Datasheet HTML 91Page - STMicroelectronics STM32WB55CE Datasheet HTML 92Page - STMicroelectronics STM32WB55CE Datasheet HTML 93Page - STMicroelectronics STM32WB55CE Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 165 page
background image
Electrical characteristics
STM32WB55xx
90/165
DS11929 Rev 3
Table 38. Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM1, VDD = 3.3 V
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD(Run)
Supply current in
Run mode
Reduced code(1)
2.00
mA
125
µA/MHz
Coremark
1.75
109
Dhrystone 2.1
1.95
122
Fibonacci
1.85
116
While(1)
1.85
116
Reduced code(1)
8.80
mA
138
µA/MHz
Coremark
7.50
117
Dhrystone 2.1
8.60
134
Fibonacci
7.90
123
While(1)
8.00
125
Reduced code(1)
5.25
mA
82
µA/MHz
Coremark
4.65
73
Dhrystone 2.1
5.15
80
Fibonacci
4.85
76
While(1)
4.90
77
Reduced code(1)
TBD
mA
TBD
µA/MHz
Coremark
TBD
TBD
Dhrystone 2.1
TBD
TBD
Fibonacci
TBD
TBD
While(1)
TBD
TBD
IDD(LPRun)
Supply current in
Low-power run
fHCLK = fMSI = 2 MHz
All peripherals disable
Reduced code(1)
255
µA
128
µA/MHz
Coremark
205
103
Dhrystone 2.1
250
125
Fibonacci
230
115
While(1)
220
110
1. Reduced code used for characterization results provided in Table 35 and Table 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com