Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 87Page - STMicroelectronics STM32WB55CE Datasheet HTML 88Page - STMicroelectronics STM32WB55CE Datasheet HTML 89Page - STMicroelectronics STM32WB55CE Datasheet HTML 90Page - STMicroelectronics STM32WB55CE Datasheet HTML 91Page - STMicroelectronics STM32WB55CE Datasheet HTML 92Page - STMicroelectronics STM32WB55CE Datasheet HTML 93Page - STMicroelectronics STM32WB55CE Datasheet HTML 94Page - STMicroelectronics STM32WB55CE Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
Table 39. Current consumption in Sleep and Low-power sleep modes, Flash memory ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD(Sleep)
Supply
current in
sleep mode,
fHCLK = fHSI16 up
to 16 MHz
included,
fHCLK = fHSE up
to 32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
Range 2
16 MHz 0.740 0.765 0.865
1.05
1.40
TBD
TBD
TBD
TBD
TBD
mA
Range 1
64 MHz
2.65
2.70
2.80
3.00
3.40
TBD
TBD
TBD
TBD
TBD
32 MHz
1.40
1.45
1.60
1.80
2.20
TBD
TBD
TBD
TBD
TBD
16 MHz 0.845 0.875 0.990
1.20
1.55
TBD
TBD
TBD
TBD
TBD
SMPS
Range 1
64 MHz
2.60
2.60
2.65
2.75
2.90
TBD
TBD
TBD
TBD
TBD
32 MHz
1.90
1.95
2.00
2.10
2.25
TBD
TBD
TBD
TBD
TBD
16 MHz
1.70
1.70
1.75
1.80
1.95
TBD
TBD
TBD
TBD
TBD
IDD(LPSleep)
Supply
current in
low-power
sleep mode
fHCLK = fMSI
All peripherals disabled
2 MHz
90
125
235
430
805
TBD
TBD
TBD
TBD
TBD
µA
1 MHz
58
93
205
400
775
TBD
TBD
TBD
TBD
TBD
400 kHz
44
72.5
185
380
755
TBD
TBD
TBD
TBD
TBD
100 kHz
31.5
63.5
175
370
745
TBD
TBD
TBD
TBD
TBD
1. Guaranteed by characterization results, unless otherwise specified.
Table 40. Current consumption in Low-power sleep modes, Flash memory in Power down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-fHCLK
25 °C
55 °C
85 °C
105 °C
125 °C 25 °C
55 °C
85 °C
105 °C
125 °C
IDD(LPSleep)
Supply
current in
low-power
sleep mode
fHCLK = fMSI
All peripherals
disabled
2 MHz
94.0
115
200
335
575
TBD
TBD
TBD
TBD
TBD
µA
1 MHz
56.5
86.0
170
305
550
TBD
TBD
TBD
TBD
TBD
400 kHz
40.5
66.5
150
285
530
TBD
TBD
TBD
TBD
TBD
100 kHz
27.5
57.5
140
275
520
TBD
TBD
TBD
TBD
TBD
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com