Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 24Page - STMicroelectronics STM32WB55CE Datasheet HTML 25Page - STMicroelectronics STM32WB55CE Datasheet HTML 26Page - STMicroelectronics STM32WB55CE Datasheet HTML 27Page - STMicroelectronics STM32WB55CE Datasheet HTML 28Page - STMicroelectronics STM32WB55CE Datasheet HTML 29Page - STMicroelectronics STM32WB55CE Datasheet HTML 30Page - STMicroelectronics STM32WB55CE Datasheet HTML 31Page - STMicroelectronics STM32WB55CE Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 165 page
background image
Functional overview
STM32WB55xx
28/165
DS11929 Rev 3
3.7.3
Linear voltage regulator
Three embedded linear voltage regulators supply most of the digital and RF circuitries, the
main regulator (MR), the low-power regulator (LPR) and the RF regulator (RFR).
•
The MR is used in the Run and Sleep modes and in the Stop 0 mode.
•
The LPR is used in Low-Power Run, Low-Power Sleep, Stop 1 and Stop 2 modes. It is
also used to supply the SRAM2a in Standby with retention.
•
The RFR is used to supply the RF analog part, its activity is automatically managed by
the RF subsystem.
All the three regulators are in power-down in Standby and Shutdown modes: the regulator
output is in high impedance, and the kernel circuitry is powered down thus inducing zero
consumption.
The ultralow-power STM32WB55xx supports dynamic voltage scaling to optimize its power
consumption in run mode. The voltage from the Main Regulator that supplies the logic
(VCORE) can be adjusted according to the system’s maximum operating frequency.
There are two voltage and frequency ranges:
•
Range 1 with the CPU running up to 64 MHz.
•
Range 2 with a maximum CPU frequency of 16 MHz (note that HSE can be active in
this mode). All peripheral clocks are also limited to 16 MHz.
The VCORE can also be supplied by the low-power regulator, the main regulator being
switched off. The system is then in Low-power run mode. In this case the CPU is running at
up to 2 MHz, and peripherals with independent clock can be clocked by HSI16 (in this mode
the RF subsystem is not available).
3.7.4
Power supply supervisor
The device has an integrated ultra-low-power brown-out reset (BOR) active in all modes
except Shutdown and ensuring proper operation after power-on and during power down.
The device remains in reset mode when the monitored supply voltage VDD is below a
specified threshold, without the need for an external reset circuit.
The lowest BOR level is 1.71 V at power on, and other higher thresholds can be selected
through option bytes.The device features an embedded programmable voltage detector
(PVD) that monitors the VDD power supply and compares it with the VPVD threshold. An
interrupt can be generated when VDD drops below the VPVD threshold and/or when VDD is
higher than the VPVD threshold. The interrupt service routine can then generate a warning
message and/or put the MCU into a safe state. The PVD is enabled by software.
In addition, the devices embeds a Peripheral Voltage Monitor that compares the
independent supply voltage VDDA with a fixed threshold to ensure that the peripheral is in its
functional supply range.
Any BOR level can also be used to automatically switch the SMPS step-down converter in
bypass mode when the VDD voltage drops below a given voltage level. The mode of
operation is selectable by register bit, the BOR level is selectable by option byte.
3.7.5
Low-power modes
The ultra-low-power STM32WB55xx supports eight low-power modes to achieve the best
compromise between low-power consumption, short startup time, available peripherals and
available wakeup sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com