Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 46Page - STMicroelectronics STM32WB55CE Datasheet HTML 47Page - STMicroelectronics STM32WB55CE Datasheet HTML 48Page - STMicroelectronics STM32WB55CE Datasheet HTML 49Page - STMicroelectronics STM32WB55CE Datasheet HTML 50Page - STMicroelectronics STM32WB55CE Datasheet HTML 51Page - STMicroelectronics STM32WB55CE Datasheet HTML 52Page - STMicroelectronics STM32WB55CE Datasheet HTML 53Page - STMicroelectronics STM32WB55CE Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 165 page
background image
Functional overview
STM32WB55xx
50/165
DS11929 Rev 3
3.23
Universal synchronous/asynchronous receiver transmitter
(USART)
The STM32WB55xx devices feature one universal synchronous receiver transmitter.
This interface provides asynchronous communication, IrDA SIR ENDEC support,
multiprocessor communication mode, single-wire half-duplex communication mode and has
LIN Master/Slave capability. It provides hardware management of the CTS and RTS signals,
and RS485 Driver Enable.
The USART is able to communicate at speeds of up to 4 Mbit/s, and also provides Smart
Card mode (ISO 7816 compliant) and SPI-like communication capability.
The USART supports synchronous operation (SPI mode), and can be used as an SPI
master.
The USART has a clock domain independent from the CPU clock, allowing the it to wake up
the MCU from Stop mode using baudrates up to 200 Kbaud.The wake up events from Stop
mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
The USART interface can be served by the DMA controller.
3.24
Low-power universal asynchronous receiver transmitter
(LPUART)
The device embeds two Low-Power UARTs, enabling asynchronous serial communication
with minimum power consumption. The LPUARTs support half duplex single wire
communication and modem operations (CTS/RTS), allowing multiprocessor
communication.
The two LPUARTs have a clock domain independent from the CPU clock, and can wakeup
the system from Stop mode using baudrates up to 220 Kbaud. The wake up events from
Stop mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600
baud. Therefore, even in Stop mode, the LPUARTs can wait for an incoming frame while
Independent clock
X
X
Wakeup from Stop 0 / Stop 1 mode on address match
X
X
Wakeup from Stop 2 mode on address match
-
X
1. X: supported
Table 14. I2C implementation (continued)
I2C features(1)
I2C1
I2C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com