Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 95Page - STMicroelectronics STM32WB55CE Datasheet HTML 96Page - STMicroelectronics STM32WB55CE Datasheet HTML 97Page - STMicroelectronics STM32WB55CE Datasheet HTML 98Page - STMicroelectronics STM32WB55CE Datasheet HTML 99Page - STMicroelectronics STM32WB55CE Datasheet HTML 100Page - STMicroelectronics STM32WB55CE Datasheet HTML 101Page - STMicroelectronics STM32WB55CE Datasheet HTML 102Page - STMicroelectronics STM32WB55CE Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 165 page
background image
Table 45. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C
IDD
(Shutdown)
Supply current
in Shutdown
mode (backup
registers
retained) RTC
disabled
-
1.8 V 0.039 0.013 0.030 0.100 0.635
1.950
5.45
TBD
TBD
TBD
TBD
TBD
TBD
TBD
µA
2.4 V 0.059 0.014 0.055 0.120 0.785
2.350
6.50
TBD
TBD
TBD
TBD
TBD
TBD
0.059
3.0 V 0.064 0.037 0.070 0.180 1.000
2.900
8.00
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.071 0.093 0.140 0.280 1.300
3.700
9.75
TBD
TBD
TBD
TBD
TBD
TBD
TBD
IDD
(Shutdown
with RTC)
Supply current
in Shutdown
mode (backup
registers
retained) RTC
enabled
RTC clocked
by LSE
quartz (2) in
low drive
mode
1.8 V 0.320 0.315 0.355 0.420 0.985
2.300
-
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.425 0.405 0.460 0.540 1.200
2.800
-
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.535 0.535 0.595 0.700 1.500
3.450
-
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.695 0.720 0.790 0.940 2.000
4.350
-
TBD
TBD
TBD
TBD
TBD
TBD
TBD
IDD
(wakeup
from
Shutdown)
Supply current
during wakeup
from Shutdown
mode
Wakeup clock
MSI = 4 MHz.
See (3).
3.0 V
-
TBD
-
-
-
-
-
-
-
---
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 49: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com