Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 98Page - STMicroelectronics STM32WB55CE Datasheet HTML 99Page - STMicroelectronics STM32WB55CE Datasheet HTML 100Page - STMicroelectronics STM32WB55CE Datasheet HTML 101Page - STMicroelectronics STM32WB55CE Datasheet HTML 102Page - STMicroelectronics STM32WB55CE Datasheet HTML 103Page - STMicroelectronics STM32WB55CE Datasheet HTML 104Page - STMicroelectronics STM32WB55CE Datasheet HTML 105Page - STMicroelectronics STM32WB55CE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 165 page
background image
Electrical characteristics
STM32WB55xx
102/165
DS11929 Rev 3
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 48. The MCU is placed
under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 18:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 48. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 48. Peripheral current consumption
Peripheral
Range 1
Range 2
Low-power
run and sleep
Unit
AHB1
Bus Matrix(1)
2.40
2.00
1.80
µA/MHz
TSC
1.25
1.05
1.05
CRC
0.465
0.375
0.380
DMA1
1.90
1.55
1.80
DMA2
2.00
1.65
1.80
DMAMUX
4.15
3.40
4.45
All AHB1 Peripherals
12.0
10.0
11.5
AHB2
AES1
4.05
3.35
3.90
µA/MHz
ADC independent clock domain
TBD
TBD
TBD
ADC clock domain
TBD
TBD
TBD
GPIOA(2)
TBD
TBD
TBD
GPIOB(2))
TBD
TBD
TBD
GPIOC(2)
TBD
TBD
TBD
GPIOD(2)
TBD
TBD
TBD
GPIOE(2)
TBD
TBD
TBD
GPIOH(2)
TBD
TBD
TBD
All AHB2 Peripherals
TBD
TBD
TBD
AHB3
QSPI
7.60
6.25
7.10
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com