Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 71Page - STMicroelectronics STM32WB55CE Datasheet HTML 72Page - STMicroelectronics STM32WB55CE Datasheet HTML 73Page - STMicroelectronics STM32WB55CE Datasheet HTML 74Page - STMicroelectronics STM32WB55CE Datasheet HTML 75Page - STMicroelectronics STM32WB55CE Datasheet HTML 76Page - STMicroelectronics STM32WB55CE Datasheet HTML 77Page - STMicroelectronics STM32WB55CE Datasheet HTML 78Page - STMicroelectronics STM32WB55CE Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 165 page
background image
DS11929 Rev 3
75/165
STM32WB55xx
Electrical characteristics
152
6.3.3
RF BLE characteristics
RF characteristics are given at 1 Mbps, unless otherwise specified.
VFBSMPS SMPS Feedback voltage
-
1.4
3.6
V
VDDRF Minimum RF voltage
-
1.71
3.6
VDDUSB USB supply voltage
USB used
3.0
3.6
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
–0.3
VDD + 0.3
All I/O except TT_xx
–0.3
min (min (VDD, VDDA,
VDDUSB, VLCD) + 3.6 V,
5.5 V)(2)(3)
PD
Power dissipation at
TA = 85 °C for suffix 6
or
TA = 105 °C for suffix 7(4)
UFQFPN48
-
392
mW
VFQFPN68
-
425
WLCSP100
-
454
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(5)
105
Ambient temperature for the
suffix 7 version
Maximum power dissipation
–40
105
Low-power dissipation(5)
125
TJ
Junction temperature range
Suffix 6 version
–40
105
Suffix 7 version
125
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between min (VDD, VDDA, VDDUSB, VLCD) + 3.6 V and 5.5V.
3. For operation with voltage higher than min (VDD, VDDA, VDDUSB, VLCD) + 0.3 V, the internal pull-up and pull-down resistors
must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.4: Thermal
characteristics).
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.4:
Thermal characteristics).
Table 22. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 23. RF transmitter BLE characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Fop
Frequency operating range
-
2405
-
2480
MHz
Fxtal
Crystal frequency
--
32
-
∆F
Delta frequency
--
250
-
KHz
Rgfsk
On Air data rate
--
1
2
Mbps
PLLres
RF channel spacing
--
2
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com