Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 103Page - STMicroelectronics STM32WB55CE Datasheet HTML 104Page - STMicroelectronics STM32WB55CE Datasheet HTML 105Page - STMicroelectronics STM32WB55CE Datasheet HTML 106Page - STMicroelectronics STM32WB55CE Datasheet HTML 107Page - STMicroelectronics STM32WB55CE Datasheet HTML 108Page - STMicroelectronics STM32WB55CE Datasheet HTML 109Page - STMicroelectronics STM32WB55CE Datasheet HTML 110Page - STMicroelectronics STM32WB55CE Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 165 page
background image
DS11929 Rev 3
107/165
STM32WB55xx
Electrical characteristics
152
6.3.10
External clock source characteristics
High-speed external user clock generated from an external source
The high-speed external (HSE) clock must be supplied with a 32 MHz crystal oscillator.
The STM32WB55xx include internal programmable capacitances that can be used to tune
the crystal frequency in order to compensate the PCB parasitic one.
The characteristics in Table 52 and Table 53 are measured over recommended operating
conditions, unless otherwise specified. Typical values are referred to TA = 25 °C and
VDD = 3.0 V.
Table 51. Wakeup time using LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPUART
Wakeup time needed to calculate the maximum
LPUART baud rate allowing to wakeup up from Stop
mode when LPUART clock source is HSI16
Stop mode 0
-
1.7
µs
Stop mode 1/2
-
8.5
1. Guaranteed by design.
Table 52. HSE crystal requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fNOM
Oscillator frequency
-
-
32
-
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability over
temperature, aging and frequency pulling
due to incorrect load capacitance.
-
-
20
ppm
CL
Load capacitance
-
6
-
8
pF
ESR
Equivalent series resistance
-
-
-
100
Ω
PD
Drive level
-
-
-
100
µW
1. 32 MHz XTAL is specified for two specific references: NX2016SA and NX1612SA.
Table 53. HSE oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSUA(HSE)
Startup time
for 80% amplitude stabilization
VDDRF stabilized, XOTUNE=000000,
-40 to +125 °C range
-1000-
µs
tSUR(HSE)
Startup time
for XOREADY signal
VDDRF stabilized, XOTUNE=000000,
-40 to +125 °C range
-
250
-
IDDRF(HSE) HSE current consumption
HSEGMC=000, XOTUNE=000000
-
50
-
µA
XOTg(HSE) XOTUNE granularity
Capacitor bank
-1
5
ppm
XOTfp(HSE) XOTUNE frequency pulling
±20
±40
-
XOTnb(HSE) XOTUNE number of tuning bits
-
6
-
bit
XOTst(HSE) XOTUNE setting time
-
-
0.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com