Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 120Page - STMicroelectronics STM32WB55CE Datasheet HTML 121Page - STMicroelectronics STM32WB55CE Datasheet HTML 122Page - STMicroelectronics STM32WB55CE Datasheet HTML 123Page - STMicroelectronics STM32WB55CE Datasheet HTML 124Page - STMicroelectronics STM32WB55CE Datasheet HTML 125Page - STMicroelectronics STM32WB55CE Datasheet HTML 126Page - STMicroelectronics STM32WB55CE Datasheet HTML 127Page - STMicroelectronics STM32WB55CE Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 165 page
background image
Electrical characteristics
STM32WB55xx
124/165
DS11929 Rev 3
6.3.18
NRST pin characteristics
The NRST pin input driver uses the CMOS technology. It is connected to a permanent
pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 22: General operating conditions.
01
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
25
MHz
C=50 pF, 1.62 V ≤ VDD ≤ ≤2.7 V
-
10
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
50
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
15
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
9
ns
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
16
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
4.5
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
9
10
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
50
MHz
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
25
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
100(3)
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
37.5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
5.8
ns
C=50 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
11
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
2.5
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
5
11
Fmax
Maximum frequency
C=30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
120(3)
MHz
C=30 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
50
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
180(3)
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
75(3)
Tr/Tf
Output rise and fall time
C=30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
3.3
ns
C=30 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
6
C=10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
1.7
C=10 pF, 1.62 V ≤ VDD ≤ 2.7 V
-
3.3
1. The maximum frequency is defined with (Tr+ Tf) ≤ 2/3 T, and Duty cycle comprised between 45 and 55%.
2. The fall and rise time are defined, respectively, between 90 and 10%, and between 10 and 90% of the
output waveform.
3. This value represents the I/O capability but the maximum system frequency is limited to 64 MHz.
Table 70. I/O AC characteristics(1)(2) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com