Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 140Page - STMicroelectronics STM32WB55CE Datasheet HTML 141Page - STMicroelectronics STM32WB55CE Datasheet HTML 142Page - STMicroelectronics STM32WB55CE Datasheet HTML 143Page - STMicroelectronics STM32WB55CE Datasheet HTML 144Page - STMicroelectronics STM32WB55CE Datasheet HTML 145Page - STMicroelectronics STM32WB55CE Datasheet HTML 146Page - STMicroelectronics STM32WB55CE Datasheet HTML 147Page - STMicroelectronics STM32WB55CE Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 165 page
background image
Electrical characteristics
STM32WB55xx
144/165
DS11929 Rev 3
All I2C SDA and SCL I/Os embed an analog filter. Refer to Table 89 for the analog filter
characteristics:
SPI characteristics
Unless otherwise specified, the parameters given in Table 90 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 22: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 89. I2C analog filter characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes that
are suppressed by the analog filter
50(2)
2. Spikes with widths below tAF(min) are filtered.
110(3)
3. Spikes with widths above tAF(max) are not filtered
ns
Table 90. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
1.65 < VDD < 3.6 V
Voltage Range 1
--
32
MHz
Master transmitter mode
1.65 < VDD < 3.6 V
Voltage Range 1
32
Slave receiver mode
1.65 < VDD < 3.6 V
Voltage Range 1
32
Slave mode transmitter/full duplex
2.7 < VDD < 3.6 V
Voltage Range 1
32(2)
Slave mode transmitter/full duplex
1.65 < VDD < 3.6 V
Voltage Range 1
20.5(2)
Voltage Range 2
8
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4xTPCLK
--
-
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2xTPCLK
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPCLK - 1.5
TPCLK
TPCLK + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com