Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CE Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32WB55CE
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CE Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32WB55CE Datasheet HTML 157Page - STMicroelectronics STM32WB55CE Datasheet HTML 158Page - STMicroelectronics STM32WB55CE Datasheet HTML 159Page - STMicroelectronics STM32WB55CE Datasheet HTML 160Page - STMicroelectronics STM32WB55CE Datasheet HTML 161Page - STMicroelectronics STM32WB55CE Datasheet HTML 162Page - STMicroelectronics STM32WB55CE Datasheet HTML 163Page - STMicroelectronics STM32WB55CE Datasheet HTML 164Page - STMicroelectronics STM32WB55CE Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 162 / 165 page
background image
Revision history
STM32WB55xx
162/165
DS11929 Rev 3
9
Revision history
Table 99. Document revision history
Date
Revision
Changes
25-Jul-2017
1
Initial release.
04-Apr-2018
2
Updated document title, Features, Section 1: Introduction, Section 2:
Description, Section 3.1: Architecture, Section 3.3.2: Memory protection
unit, Section 3.3.3: Embedded Flash memory, Section 3.4: Security and
safety, Section 3.6: RF subsystem, Section 3.6.1: RF front-end block
diagram, Section 3.6.2: BLE general description, Section 3.7.1: Power
supply distribution, Section 3.7.2: Power supply schemes, Section 3.7.4:
Power supply supervisor, Section 3.10: Clocks and startup, Section 3.14:
Analog to digital converter (ADC), Section 3.19: True random number
generator (RNG), Section 5: Memory mapping, Section 6.3.25: SMPS
step-down converter characteristics and Section 7.4.2: Selecting the
product temperature range.
Updated Table 2: STM32WB55xx family device features and peripheral
counts, Table 6: Power supply typical components, Table 7: Features over
all modes, Table 8: STM32WB55xx modes overview, Table 13: Timer
features, Table 15: Legend/abbreviations used in the pinout table,
Table 16: STM32WB55xx pin and ball definitions, Table 17: Alternate
functions, Table 23: RF transmitter BLE characteristics, Table 26: RF
receiver BLE characteristics (1 Mbps) and added footnote to it, Table 28:
RF BLE power consumption for VDD = 3.3 V, Table 31: RF 802.15.4
power consumption for VDD = 3.3 V, Table 37: Typical current
consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF), VDD= 3.3 V,
Table 38: Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM1, VDD = 3.3 V, Table 40: Current
consumption in Low-power sleep modes, Flash memory in Power down,
Table 41: Current consumption in Stop 2 mode, Table 42: Current
consumption in Stop 1 mode, Table 43: Current consumption in Stop 0
mode, Table 44: Current consumption in Standby mode, Table 45: Current
consumption in Shutdown mode, Table 48: Peripheral current
consumption, Table 97: Package thermal characteristics and Table 98:
STM32WB55xx ordering information scheme.
Added Table 47: Current under Reset condition.
Updated Figure 1: STM32WB55xx block diagram, Figure 2:
STM32WB55xx RF front-end block diagram, Figure 4: Power distribution,
Figure 6: Power supply overview, Figure 7: Clock tree, Figure 8:
STM32WB55xxCx UFQFPN48 pinout(1)(2), Figure 9: STM32WB55xxRx
VFQFPN68 pinout(1)(2), Figure 10: STM32WB55xxVx WLCSP100
ballout(1) and Figure 13: Power supply scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com