Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21113FP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F21113FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21113FP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F21113FP Datasheet HTML 18Page - Renesas Technology Corp R5F21113FP Datasheet HTML 19Page - Renesas Technology Corp R5F21113FP Datasheet HTML 20Page - Renesas Technology Corp R5F21113FP Datasheet HTML 21Page - Renesas Technology Corp R5F21113FP Datasheet HTML 22Page - Renesas Technology Corp R5F21113FP Datasheet HTML 23Page - Renesas Technology Corp R5F21113FP Datasheet HTML 24Page - Renesas Technology Corp R5F21113FP Datasheet HTML 25Page - Renesas Technology Corp R5F21113FP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Rev.1.40
Sep 30, 2004
page 22 of 26
REJ09B0034-0140Z
R8C/11 Group
5. Electrical Characteristics
Symbol
VOH
VOL
"L" output voltage
"H" output voltage
Standard
Typ.
Unit
Measuring condition
V
V
V
Min.
Max.
VCC
-0.5
Parameter
IOH=
-1mA
V
Hysteresis
"H" input current
IIH
"L" input current
IIL
VRAM
RAM retention voltage
VT+-VT-
0.2
V
µA
At stop mode
2.0
VI=3V
RfXIN
Feedback resistance
XIN
M
Ω
RPULLUP
Pull-up resistance
k
Ω
66
125
Note
1 : Referenced to VCC=AVCC=2.7 to 3.3V at Topr = -20 to 85 °C / -40 to 85 °C, f(BCLK)=10MHz unless otherwise specified.
VCC
Except XOUT
XOUT
Drive capacity HIGH
Drive capacity LOW
IOH=
-0.1 mA
VCC
-0.5
VCC
-0.5
IOH=
-50 µA
V
V
VCC
VCC
P10 to P17
Except XOUT
P10 to P17
XOUT
Drive capacity HIGH
Drive capacity LOW
IOH= 1 mA
IOL= 2 mA
IOL= 1 mA
0.5
V
0.5
0.5
V
Drive capacity HIGH
Drive capacity LOW
IOL= 0.1 mA
IOL=50 µA
0.5
0.5
V
INT0, INT1, INT2, INT3, KI0, KI1,
KI2, KI3, CNTRo, CNTR1, TCIN,
RxD0, RxD1
RESET
0.2
0.8
1.8
V
4.0
-4.0
µA
VI=0V
160
3.0
fRING-S
Low-speed on-chip oscillator frequency
40
250
kHz
VI=0V
500
Table 5.17 Electrical Characteristics (3)
[Vcc=3V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com