Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21113FP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F21113FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21113FP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F21113FP Datasheet HTML 20Page - Renesas Technology Corp R5F21113FP Datasheet HTML 21Page - Renesas Technology Corp R5F21113FP Datasheet HTML 22Page - Renesas Technology Corp R5F21113FP Datasheet HTML 23Page - Renesas Technology Corp R5F21113FP Datasheet HTML 24Page - Renesas Technology Corp R5F21113FP Datasheet HTML 25Page - Renesas Technology Corp R5F21113FP Datasheet HTML 26Page - Renesas Technology Corp R5F21113FP Datasheet HTML 27Page - Renesas Technology Corp R5F21113FP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Rev.1.40
Sep 30, 2004
page 24 of 26
REJ09B0034-0140Z
R8C/11 Group
5. Electrical Characteristics
Timing requirements (Unless otherwise noted: VCC = 3V, VSS = 0V at Ta = 25 °C) [VCC=3V]
Table 5.19 XIN input
________
Table 5.20 CNTR0 input, CNTR1 input, INT2 input
________
Table 5.21 TCIN input, INT3 input
Table 5.22 Serial Interface
________
Table 5.23 External interrupt INT0 input
Symbol
tC(XIN)
tWH(XIN)
tWL(XIN)
Parameter
XIN input cycle time
XIN input HIGH pulse width
XIN input LOW pulse width
Min.
100
40
40
Max.
Unit
ns
ns
ns
Standard
Symbol
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
Parameter
CNTR0 input cycle time
CNTR0 input HIGH pulse width
CNTR0 input LOW pulse width
Min.
300
120
120
Max.
Unit
ns
ns
ns
Standard
Symbol
tC(TCIN)
tWH(TCIN)
tWL(TCIN)
Parameter
TCIN input cycle time
TCIN input HIGH pulse width
TCIN input LOW pulse width
Min.
1200 (1)
600 (2)
600 (2)
Max.
Unit
ns
ns
ns
Standard
NOTES
1 :When using the Timer C input capture mode, adjust the cycle time above ( 1/ Timer C count source
frequency x 3).
2 : When using the Timer C input capture mode, adjust the pulse width above ( 1/ Timer C count source
frequency x 1.5).
NOTES
________
________
1 : When selecting the digital filter by the INT0 input filter select bit, use the INT0 input HIGH pulse width
to the greater value,either ( 1/ digital filter clock frequency x 3) or the minimum value of standard.
________
________
2 : When selecting the digital filter by the INT0 input filter select bit, use the INT0 input LOW pusle width
to the greater value,either ( 1/ digital filter clock frequency x 3) or the minimum value of standard.
Symbol
tC(CK)
tW(CKH)
tW(CKL)
td(C-Q)
th(C-Q)
tsu(D-C)
th(C-D)
Parameter
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
TxDi output delay time
TxDi hold time
RxDi input setup time
RxDi input hold time
Min.
300
150
150
0
55
90
Max.
Unit
ns
ns
ns
ns
ns
ns
ns
Standard
160
Symbol
tW(INH)
tW(INL)
Parameter
________
INT0 input HIGH pulse width
________
INT0 input LOW pulse width
Min.
380 (1)
380 (2)
Max.
Unit
ns
ns
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com