Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21113FP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F21113FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21113FP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F21113FP Datasheet HTML 21Page - Renesas Technology Corp R5F21113FP Datasheet HTML 22Page - Renesas Technology Corp R5F21113FP Datasheet HTML 23Page - Renesas Technology Corp R5F21113FP Datasheet HTML 24Page - Renesas Technology Corp R5F21113FP Datasheet HTML 25Page - Renesas Technology Corp R5F21113FP Datasheet HTML 26Page - Renesas Technology Corp R5F21113FP Datasheet HTML 27Page - Renesas Technology Corp R5F21113FP Datasheet HTML 28Page - Renesas Technology Corp R5F21113FP Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
REVISION HISTORY
R8C/11 Group Datasheet
Rev.
Date
Description
Page
Summary
A-1
1.00 Jun. 19, 2003
First edition issued
1.10 Sep. 08, 2003
Table 1.1: Shortest instruction execution time and f(XIN) changed
____________
Figure 1.3: Pin name changed from TXOUT to CNTR0
____________
Table 1.3: Pin name changed from TXOUT to CNTR0
The value of HR1 register after reset changed
The value of TC register after reset changed
Chapter “5. Electrical Characteristics” added
2
5
6
10
12
14
1.20 Oct. 31, 2003
Table 1.1: Power consumption values added
Table 1.3: Resistor value for CNVss and MODE deleted
Register name of address 005016 modified from CMP2IC to CMP1IC, register name
of address 005C16 modified from CMP1IC to CMP0IC
Table 5.2: Note 3 and Note 4 deleted
tsamp in Table 5.3 deleted
Figure 5.1 added
Table 5.10: Vcc changed from “4.2 to 5.5V” to “3.3V to 5.5V”, low-power ring oscil-
lator changed from “on 100kHz” to “125kHz”, XIN=5MHz deleted and XIN=10MHz
added in high-speed mode and medium-speed mode, VC27=”0” added in stop
mode measuring condition, data added and modified
Table 11 to Table 15 added
Figure 5.2 added
Table 5.16: Note 1, f(BCLK)=5 MHz changed to 10 MHz
Table 5.17: low-power ring oscillator changed from “on 100kHz” to “125kHz”,
XIN=5MHz deleted and XIN=10MHz added in high-speed mode and medium-speed
mode, VC27=”0” added in stop mode measuring condition, data added and modi-
fied
Table 5.18 to Table 5.22 added
Figure 5.3 added
2
6
11
14
15
17
19
20
21
22
23
24
25
1.30 Dec 05, 2003
4
Table 1.2 : ** deleted
15
Table 5.4 revised
1.40 Sep 30, 2004 all pages
Words standardized (on-chip oscillator, serial interface, A/D)
2
Table 1.1 revised
5
Figure 1.3, NOTES 3 added
6
Table 1.3 revised
9
Figure 3.1, NOTES added
10-13
One body sentence in chapter 4 added ; Title of Table 4.1 to 4.4 added
12
Table 4.3 revised ; Table 4.4 revised
14
Table 5.2 revised
15
Table 5.3 revised
16
Table 5.4 revised ; Table 16.5 revised
17
Table 5.6, 5.7 adn 5.8 revised ; Figure 5.3 revised
18
Table 5.9 revised ; Table 5.10 revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com