Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21113FP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F21113FP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21113FP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F21113FP Datasheet HTML 21Page - Renesas Technology Corp R5F21113FP Datasheet HTML 22Page - Renesas Technology Corp R5F21113FP Datasheet HTML 23Page - Renesas Technology Corp R5F21113FP Datasheet HTML 24Page - Renesas Technology Corp R5F21113FP Datasheet HTML 25Page - Renesas Technology Corp R5F21113FP Datasheet HTML 26Page - Renesas Technology Corp R5F21113FP Datasheet HTML 27Page - Renesas Technology Corp R5F21113FP Datasheet HTML 28Page - Renesas Technology Corp R5F21113FP Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Rev.1.40
Sep 30, 2004
page 26 of 26
REJ03B0034-0140Z
R8C/11 Group
Package Dimensions
Package Dimensions
LQFP32-P-0707-0.80
Weight(g)
—
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
32P6U-A
Plastic 32pin 7✕7mm body LQFP
—
0.1
—
——
0.2
—
—
——
—
—
—
—
—
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
—
—
I2
1.0
—
—
MD
—
—
ME
10¡
0¡
0.1
1.0
0.7
0.2
0.5
0.3
0.8
6.9
7.0
7.1
6.9
7.0
7.1
8.8
9.0
9.2
8.8
9.0
9.2
0.175
0.125
0.105
0.45
0.37
0.32
1.4
0
1.7
e
Lp
0.45
—
—
0.6
0.5
7.4
7.4
0.25
—
0.75
—
x
A3
Recommended Mount Pad
Detail F
A
HD
D
1
8
24
17
25
32
16
9
MD
F
e
y
b
x
M
L
L1
Lp
I2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com