Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 41Page - Texas Instruments TAS5504 Datasheet HTML 42Page - Texas Instruments TAS5504 Datasheet HTML 43Page - Texas Instruments TAS5504 Datasheet HTML 44Page - Texas Instruments TAS5504 Datasheet HTML 45Page - Texas Instruments TAS5504 Datasheet HTML 46Page - Texas Instruments TAS5504 Datasheet HTML 47Page - Texas Instruments TAS5504 Datasheet HTML 48Page - Texas Instruments TAS5504 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
TAS5504 Controls and Status
38
SLES123 − October 2004
TAS5504
SE: Single-ended configuration
2.3.2 Headphone Configuration Registers
The headphone configuration controls are identical to the speaker configuration controls. The headphone
configuration control settings are used in place of the speaker configuration control settings for channels 1
and 2 when the headphones are selected. In reality however, there is only one used configuration setting for
headphones and that is the default setting.
2.3.3 Audio System Configurations
The TAS5504 can be configured to comply with various audio systems.
The audio system configuration is set in the General Control Register (0xE0). Bits D31 – D4 must be zero and
D0 is don’t care.
D3
Determines if SUB is to be controlled by PSVC
D2
Enable/Disable power supply volume control
D3−D1 must be configured as the following according to the audio system in the application:
Table 2−7. Audio System Configuration (General Control Register 0xE0)
AUDIO SYSTEM
D31−D4
D3
D2
D1
D0
DEFAULT
0
0
0
0
X
3.1 channels NOT using PSVC
0
0
0
1
X
4 channels using PSVC
0
0
1
1
X
3.1 channels using PSVC
0
1
1
1
X
2.3.4 Recovery from Clock Error
The TAS5504 can be set to either perform a volume ramp up during the recovery sequence of a clock error
or to simply come up in the last state (or desired state if a volume or tone update was in progress). This feature
is enabled via I2C system control register 0x03.
2.3.5 Power Supply Volume Control Enable
The power supply volume control (PSVC) can be enabled and disabled via I2C register 0xE0. The subwoofer
PWM output can configured to be controlled by the PSVC or digitally attenuated when PSVC is enabled (for
powered subwoofer configurations). Note that PSVC cannot be simultaneously enabled along with unmute
outputs after clock error feature.
2.3.6 Volume and Mute Update Rate
The TAS5504 has fixed soft volume and mute ramp durations. The ramps are linear. The soft volume and mute
ramp rates are adjustable by programming the I2C register 0xD0 for the appropriate number of steps to be
512, 1024, or 2048. The update is performed at a fixed rate regardless of the sample rate.
•
In normal speed, the update rate is 1 step every 4 / Fs seconds.
•
In double speed, the update is 1 step every 8 / Fs seconds.
•
In quad speed, the update is 1 step every 16 / Fs seconds.
Because of processor loading, the update rate can increase for some increments by +1/Fs to +3/Fs. However,
the variance of the total time to go from +18 dB to mute is less than 25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com