Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 6Page - Texas Instruments TAS5504 Datasheet HTML 7Page - Texas Instruments TAS5504 Datasheet HTML 8Page - Texas Instruments TAS5504 Datasheet HTML 9Page - Texas Instruments TAS5504 Datasheet HTML 10Page - Texas Instruments TAS5504 Datasheet HTML 11Page - Texas Instruments TAS5504 Datasheet HTML 12Page - Texas Instruments TAS5504 Datasheet HTML 13Page - Texas Instruments TAS5504 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
Introduction
2
SLES123 − October 2004
TAS5504
1.1
TAS5504 Features
1.1.1 Audio Input / Output
•
Automatic Master Clock Rate and Data Sample Rate Detection
•
Four Serial Audio Input Channels
•
Four PWM Audio Output Channels
•
Headphone PWM Output to Drive an External Differential Amplifier Like the TPA112
•
PWM Outputs Support Single Ended and Bridge Tied Loads
•
32-, 38-, 44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz Sampling Rates
•
Data Formats: 16-, 20-, or 24-bit input Data Left, Right and I2S,
•
64 x Fs Bit Clock Rate
•
128, 192, 256, 384, 512, and 768 x Fs Master Clock Rates (Up to a Maximum of 50 MHz)
1.1.2 Audio Processing
•
48-Bit Processing Architecture With 76 bits of Precision for Most Audio Processing Features
•
Volume Control Range +36 dB to – 127 dB
−
Master Volume Control Range of +18 dB to –100 dB
−
Four Individual Channel Volume Control Range of +18-dB to −127-dB
•
Programmable Soft Volume and Mute Update Rates
•
Four Bass and Treble Tone Controls with ±18-dB Range, Selectable Corner Frequencies, and 2nd Order
Slopes
−
L, R, and C
−
LS, RS
•
Configurable Loudness Compensation
•
Two Dynamic Range Compressors With Two Thresholds, Two Offsets, and Three Slopes
•
Seven Bi-quads Per Channel
•
8x4 Input Crossbar Mixer. Each Signal Processing Channel Input Can Be Any Ratio of the Eight Input
Channels
•
4x2 Output Mixer – Channels 1 and 2. Each Output Can Be Any Ratio of Any Two Signal Processed
Channels
•
4x3 Output Mixer – Channels 3 and 4. Each Output can be Any Ratio of Any Three Signal Processed
Channels
•
Three Coefficient Sets Stored on the Device Can be Selected Manually or Automatically (Based on
Specific Data Rates)
•
DC Blocking Filters
•
Able to Support a Variety of Bass Management Algorithms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com