Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 21Page - Texas Instruments TAS5504 Datasheet HTML 22Page - Texas Instruments TAS5504 Datasheet HTML 23Page - Texas Instruments TAS5504 Datasheet HTML 24Page - Texas Instruments TAS5504 Datasheet HTML 25Page - Texas Instruments TAS5504 Datasheet HTML 26Page - Texas Instruments TAS5504 Datasheet HTML 27Page - Texas Instruments TAS5504 Datasheet HTML 28Page - Texas Instruments TAS5504 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
Introduction
17
SLES123 − October 2004
TAS5504
76
b
0
28
48
X
76
b
1
28
48
X
76
b
2
28
48
X
Z−1
Z−1
∑
76
48
Magnitude
Truncation
Z−1
Z−1
48
1
28
76
X
a
48
2
28
76
X
a
76
b
0
28
48
X
X
76
b
1
28
48
X
76
b
2
28
48
X
Z−1
Z−1
Z−1
Z−1
∑
∑
76
48
Magnitude
Truncation
Z−1
Z−1
Z−1
Z−1
Z−1
Z−1
48
1
28
76
X
a
48
2
28
76
X
a
Figure 1−13. Biquad Filter Structure
All five coefficients for one biquad filter structure are written to one I2C register containing 20 bytes (or five
32-bit words). The structure is the same for all biquads in the TAS5504. Registers 0x51 – 0x88 show all the
biquads in the TAS5504. Note that u(31:28) bits are unused and default to 0x0.
Table 1−3. Contents of One 20-Byte Biquad Filter Register (Default = All-Pass)
DESCRIPTION
REGISTER FIELD CONTENTS
INITIALIZATION GAIN COEFFICIENT VALUE
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
bo Coefficient
u(31:28), b0(27:24), b0(23:16), b0(15:8), b0(7:0)
1.0
0x00, 0x80, 0x00, 0x00
b1 Coefficient
u(31:28), b1(27:24), b1(23:16), b1(15:8), b1(7:0)
0.0
0x00, 0x00, 0x00, 0x00
b2 Coefficient
u(31:28), b2(27:24), b2(23:16), b2(15:8), b2(7:0)
0.0
0x00, 0x00, 0x00, 0x00
a1 Coefficient
u(31:28), a1(27:24), a1(23:16), a1(15:8), a1(7:0)
0.0
0x00, 0x00, 0x00, 0x00
a2 Coefficient
u(31:28), a2(27:24), a2(23:16), a2(15:8), a2(7:0)
0.0
0x00, 0x00, 0x00, 0x00
1.7
Bass and Treble Controls
From 32-kHz to 96-kHz data, the TAS5504 has four Bass and Treble tone controls. Each control has a ±18-dB
control range with selectable corner frequencies and 2nd order slopes. These controls operate four channel
groups:
•
L, R & C (Channels 1, 2, and 3)
•
Sub (Channel 4)
For 176.4 kHz and 192 kHz data, the TAS5504 has two Bass and Treble tone controls. Each control has a
±18-dB I2C control range with selectable corner frequencies and 2nd order slopes. These controls operate
two channel groups:
•
L & R
•
Sub
The bass and treble filters utilize a soft update rate that does not produce artifacts during adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com