Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 79 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 75Page - Texas Instruments TAS5504 Datasheet HTML 76Page - Texas Instruments TAS5504 Datasheet HTML 77Page - Texas Instruments TAS5504 Datasheet HTML 78Page - Texas Instruments TAS5504 Datasheet HTML 79Page - Texas Instruments TAS5504 Datasheet HTML 80Page - Texas Instruments TAS5504 Datasheet HTML 81Page - Texas Instruments TAS5504 Datasheet HTML 82Page - Texas Instruments TAS5504 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Serial Control Interface Register Definitions
73
SLES123 − October 2004
TAS5504
Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is written as
a 32-bit word with the upper four bits not used.
Table 6−19. Contents of One 20-Byte Biquad Filter Register Format (Default = All-pass)
DESCRIPTION
REGISTER FIELD CONTENTS
DEFAULT GAIN COEFFICIENT VALUES
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
b0 Coefficient
U (31:28), b0 (27:24), b0 (23:16), b0 (15:8), b0 (7:0)
1.0
0x00, 0x80, 0x00, 0x00
b1 Coefficient
U (31:28), b1 (27:24), b1 (23:16), b1 (15:8), b1 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
b2 Coefficient
U (31:28), b2 (27:24), b2 (23:16), b2 (15:8), b2 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
a1 Coefficient
U (31:28), a1 (27:24), a1 (23:16), a1 (15:8), a1 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
a2 Coefficient
U (31:28), a2 (27:24), a2 (23:16), a2 (15:8), a2 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
6.18 Bass and Treble Bypass Register (0x89 – 0x90, Channels 1 − 4)
Channels 1, 2, 3, and 4 are mapped into registers 0x89, 0x8A, 0x8F, and 0x90. Eight bytes are written for each
channel. Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is
written as a 32-bit word with the upper four bits not used.
Table 6−20. Bass and Treble Bypass Register Format (0x89−0x90)
REGISTER NAME
TOTAL BYTES
CONTENTS
INITIALIZATION VALUE
Channel bass and
treble bypass
8
U 31:28), Bypass (27:24), Bypass (23:16), Bypass (15:8), Bypass (7:0)
0x00, 0x80, 0x00, 0x00
Channel bass and
treble inline
8
U (31:28), Inline (27:24), Inline (23:16), Inline (15:8), Inline (7:0)
0x00, 0x00, 0x00, 0x00
6.19 Loudness Registers (0x91 – 0x95)
Table 6−21. Loudness Registers Format (0x91 – 0x95)
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
0x91
4
Loudness Log2 Gain (LG)
U (31:28), LG (27:24), LG (23:16), LG (15:8), LG
(7:0)
0xFF, 0xC0, 0x00, 0x00
0x92
8
Loudness Log2 Offset
(LO)
U (31:24), U (23:16), LO (15:8), LO (7:0)
0x00, 0x00, 0x00, 0x00,
0x92
8
Loudness Log2 LO
LO (31:24), LO (23:16), LO (15:8), LO (7:0)
0x00, 0x00, 0x00, 0x00,
0x93
4
Loudness Gain (G)
U (31:28), G (27:24), G (23:16), G (15:8), G (7:0)
0x00, 0x00, 0x00, 0x00,
0x94
8
Loudness Offset Upper 16
bits (O)
U (31:24), U (23:16), O (15:8), O (7:0)
0x00, 0x00, 0x00, 0x00,
0x94
8
Loudness O Offset Lower
32 bits (O)
O (31:24), O (23:16), O (15:8), O (7:0)
0x00, 0x00, 0x00, 0x00,
Loudness Biquad (b0)
U (31:28), b0 (27:24), b0 (23:16), b0 (15:8), b0 (7:0)
0x00, 0x00, 0xD5, 0x13,
Loudness Biquad (b1)
U (31:28), b1 (27:24), b1 (23:16), b1 (15:8), b1 (7:0)
0x00, 0x00, 0x00, 0x00,
0x95
20
Loudness Biquad (b2)
U (31:28), b2 (27:24), b2 (23:16), b2 (15:8), b2 (7:0)
0x0F, 0xFF, 0x2A, 0xED,
0x95
20
Loudness Biquad (a1)
U (31:28), a1 (27:24), a1 (23:16), a1 (15:8), a1 (7:0)
0x00, 0xFE, 0x50, 0x45,
Loudness Biquad (a2)
U (31:28), a2 (27:24), a2 (23:16), a2 (15:8), a2 (7:0)
0x0F, 0x81, 0xAA, 0x27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com