Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 7Page - Texas Instruments TAS5504 Datasheet HTML 8Page - Texas Instruments TAS5504 Datasheet HTML 9Page - Texas Instruments TAS5504 Datasheet HTML 10Page - Texas Instruments TAS5504 Datasheet HTML 11Page - Texas Instruments TAS5504 Datasheet HTML 12Page - Texas Instruments TAS5504 Datasheet HTML 13Page - Texas Instruments TAS5504 Datasheet HTML 14Page - Texas Instruments TAS5504 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Introduction
3
SLES123 − October 2004
TAS5504
1.1.3 PWM Processing
•
32-Bit Processing PWM Architecture With 40 Bits of Precision
•
8x Oversampling With 5th Order Noise Shaping at 32 – 48 kHz, 4x Oversampling at 88.2 kHz, and 96 kHz
and 2x Oversampling at 176.4 kHz and 192 kHz
•
>102-dB Dynamic Range
•
THD+N < 0.1%
•
20 – 20-kHz Flat Noise Floor for 44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz Data Rates
•
Digital De-emphasis for 32-, 44.1-, and 48-kHz Data Rates
•
Flexible Automute Logic With Programmable Threshold and Duration for Noise Free Operation
•
Intelligent AM Interference Avoidance System Provides Clear AM Reception
•
Power Supply Volume Control (PSVC) Support for Enhanced Dynamic Range in High Performance
Applications
•
Adjustable Modulation Limit
1.1.4 General Features
•
Automated Operation With an Easy to Use Control Interface
•
I2C Serial Control Slave Interface
•
Integrated AM Interference Avoidance Circuitry
•
Single 3.3-V Power Supply
•
64-Pin TQFP Package
•
5-V Tolerant Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com