Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 65 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 61Page - Texas Instruments TAS5504 Datasheet HTML 62Page - Texas Instruments TAS5504 Datasheet HTML 63Page - Texas Instruments TAS5504 Datasheet HTML 64Page - Texas Instruments TAS5504 Datasheet HTML 65Page - Texas Instruments TAS5504 Datasheet HTML 66Page - Texas Instruments TAS5504 Datasheet HTML 67Page - Texas Instruments TAS5504 Datasheet HTML 68Page - Texas Instruments TAS5504 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Serial Control I2C Register Summary
58
SLES123 − October 2004
TAS5504
I2C
SUBADDRESS
DEFAULT STATE
DESCRIPTION OF CONTENTS
REGISTER FIELDS
TOTAL
BYTES
0x14
1
Automute control
Set auto-mute delay and threshold
1. Set auto-mute delay = 5 ms
2. Set auto-mute threshold less
than bit 8.
0x15
1
Automute PWM threshold and
backend reset period
Set PWM auto-mute threshold, set
backend reset period
1. Set the PWM threshold the same
as the TAS5504 input threshold.
2. Set the backend reset
period = 5 ms.
0x16
1
Modulation limit register
Set modulation index
97.7%
0x17−0x1A
RESERVED
0x1B–0x1C
1/Reg.
Inter-channel delay registers
Sets inter-channel delay for channels
1 and 2
Channel 1 delay = −23 DCLK
periods
Channel 2 delay = 0 DCLK periods
0x1D−0x20
RESERVED
0x21–0x22
1/Reg.
Inter-channel delay registers
Sets inter-channel delay for channels
3 and 4
Channel 3 delay = −8 DCLK
periods
Channel 4 delay = 24 DCLK
periods
0x23
1
Inter-channel offset
Absolute delay offset for channel 1
(0 – 255)
Minimum absolute default = 0
DCLK periods
0x24−0x3F
RESERVED
0x40
4
Bank switching command
register
Set up DAP coefficients bank
switching for banks 1, 2, and 3
Manual selection – Bank 1
0x41–0x42
32/Reg
See the Input Mixer Registers
(0x41 and 0x42, Channels 1
and 2) section
8X4 input crossbar mixer setup
SDIN1−Left to input mixer 1
SDIN1−Right to input mixer 2
0x43–0x46
RESERVED
0x47–0x48
32/Reg
See the Input Mixer Registers
(0x47 and 0x48, Channels 3
and 4) section
8X4 input crossbar mixer setup
SDIN4−Left to input mixer 3
SDIN4−Right to input mixer 4
0x49
4
ipmix_1_to_ch4
Input mixer 1 to Ch 4 mixer coefficient
0.0
0x4A
4
ipmix_2_to_ch4
Input mixer 2 to Ch 4 mixer coefficient
0.0
0x4B
4
ipmix_3_to_ch2
Input mixer 3 to Ch 2 mixer coefficient
0.0
0x4C
4
Ch3_bp_bq2
Bypass Ch 3 biquad 2 coefficient
0.0
0x4D
4
Ch3_bq2
Ch 3 biquad 2 coefficient
1.0
0x4E
4
ipmix_4_to_ch12
Ch 4 biquad 2 output to Ch1 mixer
and Ch2 mixer coefficient
0.0
0x4F
4
Ch4_bp_bq2
Bypass Ch 4 biquad 2 coefficient 0
0.0
0x50
4
Ch4_bq2
Ch 4 biquad 2 coefficient
1.0
0x51–0x5E
20/Reg. See the next section
Channels 1, 2, 3, and 4 biquad filter
coefficients
All biquads = All pass
0x89–0x8A
8
Bass and Treble Bypass
Ch 1 and 2
Bypass bass and treble for
channels 1 and 2
Bass and treble bypassed for
channels 1 and 2
0x8B−0x8E
RESERVED
0x8F−0x90
8
Bass and treble bypass Ch 3
and 4
Bypass bass and treble for channels 3
and 4
Bass and treble bypassed for
channels 3 and 4
0x91
4
Loudness Log2 LG
Loudness Log2 LG
0.5
0x92
8
Loudness Log2 LO
Loudness Log2 LO
0.0
0x93
4
Loudness G
Loudness G
0.0
0x94
8
Loudness O
Loudness O
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com