Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 2Page - STMicroelectronics STM32F3 Datasheet HTML 3Page - STMicroelectronics STM32F3 Datasheet HTML 4Page - STMicroelectronics STM32F3 Datasheet HTML 5Page - STMicroelectronics STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
STM32F301/2/3 line
General‑purpose MCUs ranging from basic to increased performance
devices
The STM32F301/2/3 mixed‑signal MCUs featuring an ARM® Cortex®‑M4 core (DSP, FPU) at 72 MHz are tailored to address general‑purpose
applications in the continuity of the successful STM32F101/102/103 product lines.
STM32F30X PRODUCT LINES PORTFOLIO
48-pin LQFP/
49-pin WLCSP
Flash memory size / RAM size (bytes)
32-pin QFN/LQFP
64-pin LQFP
100-pin LQFP/
WLCSP/
UFBGA Pitch 0.6
144-pin LQFP
32 K / 16 K
64 K / 16 K
Pin count
STM32F302C8
STM32F302K8
STM32F302R8
STM32F302C6
STM32F302K6
STM32F302R6
STM32F301C8
STM32F301K8
STM32F301R8
STM32F301C6
STM32F301K6
STM32F301R6
STM32F303C8
STM32F303K8
STM32F303R8
STM32F303C6
STM32F303K6
STM32F303R6
256 K / 48 K
STM32F303CC
STM32F303RC
STM32F303VC
128 K / 40 K
STM32F303CB
STM32F303RB
STM32F303VB
256 K / 40 K
STM32F302CC
STM32F302RC
STM32F302VC
128 K / 32 K
STM32F302CB
STM32F302RB
STM32F302VB
384 K / 80 K
STM32F303RD
STM32F303VD
STM32F303ZD
384 K / 64 K
STM32F302RD
STM32F302VD
STM32F302ZD
512 K / 80 K
STM32F303RE
STM32F303VE
STM32F303ZE
512 K / 64 K
STM32F302RE
STM32F302VE
STM32F302ZE
Access line
USB/CAN line
Performance line
STM32F301: STM32 Cortex‑M4 entry
level. First sub‑dollar Cortex‑M4 devices
with FPU, the STM32F301 access line has
from 32 to 64 Kbytes of on‑chip Flash and
16 Kbytes of SRAM, offering an easy way
to step into Cortex‑M4‑core‑based MCU
development.
The
STM32F302 and STM32F303
MCUs, compatible with, but more
powerful than the STM32F103, operate
between 2.0 and 3.6 V. They integrate
different levels of analog peripherals. The
STM32F303 brings the capability to boost
the execution of critical routines with its
CCM‑SRAM.
TYPICAL CONSUMPTION VALUES ACROSS STM32F3 POWER MODES
RAM retention
at 2 V, oscillator off, V
DDA monitoring
RAM retention
at 2 V, oscillator off, V
DDA monitoring
at 2 V
with HSI clock at 8 MHz, PLL off
at f
CPU=72 MHz, peripherals off
at 1.65 V with LSE clock 32 kHz, RTC on
6.7 µA
6.3 µA
1.5 µA
780 µA
358 µA/MHz
0.65 µA
STOP with RTC
STOP no RTC
STANDBY
SLEEP
RUN from Flash
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com