Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 5Page - STMicroelectronics STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
STM32F334 BLOCK DIAGRAM
Connectivity
2x USART + 1 UART
LIN, smartcard, IrDA,
modem control
IR transmitter
1x I²C
1x CAN 2.0B
1x SPI
72 MHz
ARM® Cortex®-M4
CPU
JTAG/SW debug/ETM
Nested Vector
Interrupt
Controller (NVIC)
Floating Point Unit
(FPU)
Analog
2x 12-bit ADC
21 channels / 5 MSPS
3x Comparators (25 ns)
3x 12-bit DAC with
basic timers
1x Programmable
Gain Ampliers (PGA)
Temperature sensor
System
RTC/AWU
Power supply
1.8 V regulator
POR/PDR/PVD
Internal RC oscillators
40 kHz + 8 MHz
Clock control
PLL
2x watchdogs
(independent and
window)
Cyclic redundancy
check (CRC)
Xtal oscillators
32 kHz + 4 to 32 MHz
1x SysTick timer
Touch-sensing
controller 18 keys
25/37/51 I/Os
Control
1x 16-bit (144 MHz)
motor control PWM
Synchronized AC timer
1x 32-bit timers
4x 16-bit timers
10 ch. HRTIM (217 ps)
7-channel DMA
AHB bus matrix
4-Kbyte CCM-SRAM
20 bytes backup data
64-Kbyte Flash memory
Up to 12-Kbyte SRAM
Memory Protection Unit
(MPU)
Interconnect matrix
APPLICATION TARGET
STM32F334 devices greatly simplify
digital control of complex power‑
supply topologies used in:
Data servers
Telecom infrastructure
Wireless charging points
Lighting
Welding
Industrial power supplies
Digital switch mode power
supplies (D‑SMPS)
COMPLEX WAVEFORM BUILDING AND MULTI-EVENT HANDLING (FROM HRTIM) - EXAMPLE
Timer B counter
Timer A counter
External Event 1
External Event 2
TA1 PWM output
Window
Set on TimerA roll-over
Reset on TimerA Compare 1
Set on TimerB Compare 1
Reset on External Event 2 after delay
Toggle on External Event 1 rising edge
during Timer B-dened window
Set on TimerB Compare 4
From HRTIM
Auto-delayed mode
External event windowing
Timings
dened in
mutliple
timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com