Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 4Page - STMicroelectronics STM32F3 Datasheet HTML 5Page - STMicroelectronics STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Digital power line
The STM32F334 boosts digital power conversion
The STM32F334 product line specifically addresses digital power conversion applications, such as D‑SMPS, lighting, welding, inverters for
solar systems and wireless chargers, thanks to its agile high‑resolution timer (HRTIM) providing 217 ps resolution on all operating modes with
embedded powerful waveform generator and event handler. A complete ecosystem has been designed to ease digital power conversion based
on STM32F334 devices.
STM32F334 PORTFOLIO
Flash memory size / RAM size (bytes)
32-pin QFN/LQFP
64-pin LQFP
48-pin LQFP
49-pin CSP
64 K / 16 K
STM32F334K8
STM32F334R8
STM32F334C8
16 K / 16 K
STM32F334K4
STM32F334C4
32 K / 16 K
STM32F334K6
STM32F334R6
STM32F334C6
Pin count
Developing with the STM32F334 lets you manage complex PWM waveforms and handle numerous external events thanks to:
A high‑resolution timer cookbook
(AN4539), a dedicated Discovery
kit (32F3348DISCOVERY) plus and
several dedicated D‑SMPS evaluation
board (ex: STEVAL‑ISA147V3 and
STEVAL‑ISA172V2) help accelerate
application development.
High-resolution timer with waveform builder and event handler (HRTIM)
217 ps high resolution (4.6 GHz equivalent) guaranteed on all channels vs voltage,
temperature or manufacturing deviations
High resolution on all channels and any timing
10‑channel timer made of 6 timings units that can be cross‑coupled or work
independently
Advanced PWM waveform generation with minimized software
Smart functions, such as a hardware burst mode controller
One DMA channel per timer
One parameter modification can change multiple events (timer chaining)
Complex event management
10 external events inputs and 5 fault inputs
Numerous interconnects
High-speed ADCs for precise and accurate control
12‑bit SAR – 5 MSPS (Million Samples Per Second), single‑ended and differential inputs
Sampling time down to 21 ns
Multiple triggers for PWM
Built-in analog peripherals for signal conditioning and protection
Ultra‑fast comparators (25 ns)
12‑bit digital‑to‑analog converter (DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com