Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 3Page - STMicroelectronics STM32F3 Datasheet HTML 4Page - STMicroelectronics STM32F3 Datasheet HTML 5Page - STMicroelectronics STM32F3 Datasheet HTML 6Page - STMicroelectronics STM32F3 Datasheet HTML 7Page - STMicroelectronics STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
STM32F303 BLOCK DIAGRAM
12-channel DMA
72 MHz
ARM® Cortex®-M4
CPU
Nested vector
interrupt
controller (NVIC)
Memory Protection Unit
(MPU)
JTAG/SW debug/ETM
Floating point unit
(FPU)
Flexible Static Memory
Controller (FSMC)
AHB bus matrix
Interconnect matrix
System
RTC/AWU
Power supply
1.8 V regulator
POR/PDR/PVD
Internal RC oscillators
40 kHz + 8 MHz
Clock control
PLL
2x watchdogs
(independent and
window)
Cyclic redundancy
check (CRC)
Xtal oscillators
32 kHz + 4 to 32 MHz
1x SysTick timer
Touch-sensing
controller 24 keys
51/86/115 I/Os
Control
3x 16-bit (144 MHz)
motor control PWM
Synchronized AC timer
1x 32-bit timers
5x 16-bit timers
Up to 16-Kbyte
CCM-SRAM
64 bytes backup register
Up to 512-Kbyte Flash
memory
Up to 64-Kbyte SRAM
Analog
4x 12-bit ADC
40 channels / 5 MSPS
2x 12-bit DAC with
basic timers
Temperature sensor
7x comparators (25 ns)
4x Programmable
Gain Ampliers (PGA)
Connectivity
1x CAN 2.0B
1x USB 2.0 FS
5x USART/UART
LIN, smartcard, IrDA,
modem control
4x SPI,
(with 2x full duplex I²S)
3x I²C
ADVANCED PERIPHERALS
Up to seven fast and ultra‑fast
comparators (down to 25 ns)
Up to four op amps with
programmable gain (PGA) at 1%
accuracy
Up to four ultra‑fast 12‑bit ADCs
with 5 MSPS and 21 ns sampling
time (up to 18 MSPS in Interleaved
mode)
Up to three fast 144 MHz motor
control timers (resolution < 7 ns)
SRAM with Parity bit and
Polynomial CRC for better
reliability
Fast communication peripherals:
9 Mbits/s USART, 18 Mbits/s SPI,
and 1 MHz I²C
Full duplex I²S for audio
applications
5‑volt tolerant I/Os (FT, Ftf)
The high mathematical computation brought by the Cortex‑M4 core, combined with its rich and advanced analog peripherals set,
make STM32F30x devices ideal for control loops such as in motor control applications.
The routine booster (CCM‑SRAM) accelerates
the execution of critical routines. It consists
of an SRAM plugged on both instruction and
data buses where code is executed without
any wait state, thus providing 43% more
performance compared to Flash execution.
This ‘static cache’ offers 90 DMIPS or
245 CoreMark (equivalent to devices with
CPU frequency > 100 MHz).
Flash memory
Data SRAM
0 Wait state
CCM-SRAM
0 Wait state
63 DMIPS
90 DMIPS
Critical routines
Critical routines
+43%
performance
Cortex-M4 + FPU
Code
Data
CCM-SRAM: THE ROUTINE BOOSTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com