Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics STM32F3 Datasheet HTML 15Page - STMicroelectronics STM32F3 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
STM32 MOTOR CONTROL ECOSYSTEM
ST’s STM32 MCU family offers the
performance of the industry‑standard
Cortex®‑M core with the service of vector
control or field‑oriented control (FOC)
algorithms, widely used in high‑performance
motor drives.
The STM32 PMSM FOC Software
Development Kit (STSW‑STM32100) is part
of ST’s motor control ecosystem which offers
a wide range of hardware and software
solutions for various power ranges.
The STM32 PMSM FOC SDK lets users
evaluate STM32 performance and develop
a complete application for single or multiple
3‑phase permanent‑magnet motor drive
systems (sensored or sensorless).
It includes:
Firmware (FW): Permanent‑magnet
synchronous motor (PMSM) FOC firmware
library
Graphical User Interface (GUI): ST MC
Workbench (to configure the FOC firmware
library parameters)
The P‑NUCLEO‑IHM001 Nucleo pack
is a $35 motor control kit designed
to help engineers and hobbyists
experiment with motor control in
a very short time. It contains an
STM32F3 Nucleo board preloaded
with 6‑step and FOC algorithms, a
motor‑driver expansion board based
on the STSPIN L6230 motor‑driver
IC, and a 3‑phase low voltage
brushless motor using 6‑step or
FOC algorithms preloaded on the
microcontroller. P‑NUCLEO‑IHM002
embeds P‑NUCLEO‑IHM001
and a power supply..
STM32 DIGITAL POWER ECOSYSTEM
Digital switch mode power supply (D‑SMPS) solutions (HW and FW) based on
STM32F334 product line:
Discovery kit (32F3348DISCOVERY): lighting and buck‑boost functions
Evaluation boards ‑ Digital AC/DC
STEVAL‑ISA147V3 (500 W): Semi bridgeless PFC + LLC and SR
STEVAL‑ISA172V2 (2 kW): 2‑Phase iPFC + ZVS full‑bridge, phase‑shifted and SR
STEVAL‑ISA147V3
STEVAL‑ISA172V2
Using this GUI, the user generates all the
parameter header files needed to configure
the library according to application needs
and can in real‑time monitor and change
certain variables of the algorithm.
Key features
The STM32 PMSM FOC SDK offers the
following features (among others):
Sensorless motor control algorithm
based on the High Frequency Injection
(HFI) method for very low or zero speed
operation
“Maximum torque per ampere” (MTPA)
control that optimizes the motor torque for
each load and increases efficiency
“Feed‑forward” control that improves
current control at high speeds
“Start on the fly” provides smooth drive
insertion for applications where the rotor
is already rotating (e.g. outdoor fans in air
conditioners and smoke extractors)
Digital PFC: Single‑stage boost topology
using the same microcontroller driving
motor with ST’s FOC algorithm
And dedicated features for easy motor
Plug’n’Spin operation:
“Motor Profiler” for automatic detection of
motor parameters: Electrical (Rs, Ls, and
Ke) and mechanical (J and F) to run the
motor in less than one minute
Rs
Ls
Ke
“One‑touch tuning” to control the motor
speed using a single knob
Plug and Spin your Motor in less than 1
minute !
Automatic detection of key parameters
Zero equipment required
Spin motor in less than 1 minute
Single parameter to tune the speed
controller
Wide speed range
Adapting to various load/inertia
STM32 EDUCATION
Our MC education webpages www.st.com/stm32‑education‑motor‑control
and www.st.com/stm32‑education‑pmsm‑motor offer a large collection of
material related to STM32 and Motor Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com