Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics STM32F3 Datasheet HTML 15Page - STMicroelectronics STM32F3 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Recommendations for choosing embedded software
When choosing between a strategy for code optimization or portability, here are some recommendations:
Standard Peripheral Library offers a good tradeoff for users willing to remain within the STM32 F0 series in the future, with a portability level
ensured among all STM32F3 MCUs
STM32CubeF3 embedded software is the correct choice for users who may want to easily port their application to another STM32 MCUs. In
addition, this option also benefits from the full features of the STM32CubeMX tool on the PC, enabling access to code generation based on
the user configuration and STM32CubeF3 embedded software
High optimization
low portability
Average optimization
STM32 portability
STM32Cube HAL and middleware
Std Libraries
Low optimization
ARM portability
CMSIS and
mbed SDK
Low optimization
large portability
Virtual machines
and models
STM32Cube LL
(Low Layer)
Focus on model development with MATLAB/Simulink
MATLAB and Simulink users can also benefit from the STM32F3 series with their favorite environment.
A simple 3‑step approach is possible using MATLAB and Simulink:
1. Create an algorithm model and simulate it on the host.
2. Generate Processor‑in‑the‑Loop (PIL) code and verify it. This step uses MATLAB/Simulink to generate code optimized for the Cortex®‑M4
devices using the DSP instruction set.
3. And finally, let everything run on the STM32F3 MCU using the peripheral blockset provided by ST, enabling the use of real STM32F3
peripherals such as the ADC, DAC, Timers, etc.
(More at www.st.com/stm32matlab )
Model development helps reduce development time and specification errors usually found with other methods.
High optimization
low portability
Average optimization
STM32 portability
STM32Cube HAL and middleware
Std Libraries
Low optimization
ARM portability
CMSIS and
mbed SDK
Low optimization
large portability
Virtual machines
and models
STM32Cube LL
(Low Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com