Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F3
Description  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics STM32F3 Datasheet HTML 15Page - STMicroelectronics STM32F3 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
STM32F3 ecosystem
Hardware tools
Various types of development boards let you get started with STM32F3 products.
The STM32 Nucleo boards provide an affordable and flexible way for users to try out new ideas and build prototypes with a wide choice of
specialized expansion boards. The Discovery kits let developers quickly explore key features of STM32F3 products, while the evaluation boards
highlight all MCU functions. All these development boards include an integrated debugger/programmer as well as ready‑to‑use software
examples helping developers to promptly get started.
STM32 Nucleo
Discovery kit
Evaluation board
Flexible prototyping
Key feature prototyping
Full feature evaluation
NUCLEO‑F303K8
NUCLEO‑F302R8
NUCLEO‑F334R8
NUCLEO‑F303RE
NUCLEO‑F303ZE
32F3348DISCOVERY
STM32F3DISCOVERY
STM32303E‑EVAL
STM32373C‑EVAL
www.st.com/stm32nucleo
www.st.com/stm32f3discovery
www.st.com/stm32evaltools
STM32 NUCLEO
Open platform with a single STM32 MCU and integrated debugger/programmer.
At least one board per main series.
Different types of connectors for unlimited expansion possibilities.
Support for multiple IDEs and mbed online tools.
$10.32 recommended resale price.
www.st.com/stm32nucleo
STM32 NUCLEO PORTOLIO
Nucleo type (pins)
Flash memory size
(bytes)
512 K
NUCLEO-F303RE
64 K
NUCLEO-
F302R8
NUCLEO-
F334R8
Nucleo-64
NUCLEO-F303ZE
Nucleo-144
NUCLEO-F303K8
Nucleo-32
General-purpose line
High-resolution line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com