Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 16 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 16 Page - ams AG

Back Button AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
16 - 59
AS3900
Data Sheet - Detail ed Description
8.2 Operating Modes
The following different operation modes are supported by the AS3900. These operating modes are entered automatically by the link manager
and need not to be set manually. The device enters these modes depending on the current status of the communication. All operating modes
require different current consumptions.
8.2.1 Power-down
Power-down mode is entered after connecting the battery. The POR signal is provided at the POR pin and registers will have their default values.
The lowest current consumption is achieved in this mode. No clock is provided at MCU_CLK pin (the MCU must have other CLK source). The
ENABLE pin LOW is needed to switch to Power-down (DATAO pin is set to High Impedance). Make sure to apply LOW level on the SDI-Interface
to avoid leakage currents via the digital lines.
8.2.2 Standby
No active communication (idle mode), no connection (no synchronization) established between master and client, SDI is operational. Wakeup
Timer and 32 kHz oscillator are running. Wakeup receiver is switched on periodically. Clock can be provided at MCU_CLK pin (divided 27MHz
clock or 32 kHz clock). A Clock Interface Mode selection is required.
8.2.3 Sleep
This mode is active between communication time slots without data transmission. The timer (cycle time) indicate next active communication time
slots. Timers and 32kHz oscillator are active in this mode.
8.2.4 Pairing
Permanent pairing: The device ID of the Clients are permanently stored in the Master (can be overwritten).
Temporary pairing: The device ID of the Clients are not permanently stored. The exchange of communication parameters is done for each
temporary session.
Note: It is important to note that the Pairing procedure must be executed in a clean RF environment. All Clients need to be close to the
Master.
8.2.5 Wakeup
After a Wakeup sequence is received, the exchange of time code is performed and master is synchronized to client time base.
Applying wakeup means, Client (Master) is set to Wakeup receive mode for short time with a long wakeup interval. Master (Client) transmits long
enough wakeup sequence to catch the receiving window of the Client (Master) or the Master is set to Wakeup receive mode for long time to
catch the transmitted Client Wakeup sequences. Once the Client (Master) is woken up, it turns out of Sleep Mode and the time base is
synchronized.
Figure 11. Pairing and Wakeup Principle
Master
Client
A
Client
B
Client
C
ID- A
ID- B
ID- C
Master
Client
A
Client
B
Client
C
Wa
keu
p
Pa
irin
g
Pairing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com