Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 33 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 33 Page - ams AG

Back Button AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
33 - 59
AS3900
Data Sheet - Detail ed Description
5b
ACP
Same as 5a, but in case the acp2 bit, REG 0x33<7> is set,
data transmission from the Master to the Clients is
possible. The address of the Client can be selected by the
sid2<2:0> bits in REG 0x33<6:4> that corresponds to the
timing unit (0-7) which has triggered the receive action. The
ACP code is sent with the appended 32 bit data from
register dabuf in REG 0x2F to 0x32. The communication
error counter (cesX) for the according Client is cleared.
6b
ACP
Same as 6a, but if the ACP is received, the data followed by the ACP
code is routed to dabuf register in REG 0x2F to 0x32 and the interrupt
acp_rtx is set (IRQ activated). The MCU can read the 32 bit ACP data
from register dabuf and decide what to do with. The communication
error counter (ces0) is cleared.
5c
NAK
If the received Client ID is incorrect and/or the CRC is
wrong no dat_rtx interrupt is generated. The Master
switches to transmit mode and sends NAK (not-
acknowledge), if the number of narmax in REG 0x03<1:0>
is set to 0 the interrupt nak_rtx is set. The communication
error counter cesX in REG 0x14 to 0x17 is increased for
the according Client. If one Client exceeds the limit of the
communication error counter cesmax in REG 0x02<2:0>,
the affected timer is turned off in REG 0x01.
6c
NAK or
Error
Same as 6a, if NAK is received, nak_rtx interrupt is generated (IRQ.is
set). The communication error counter ces0 is increased for this
Client in REG 0x14<2:0>.
Also in case there is response but data can not be identified it is
handled as NAK and the communication error counter ces0 is
increased.
5d
NAR
If the Client ID matches with the expected ID the
synchronization pulse is sent to the related timer unit, but if
the CRC is wrong no dat_rtx interrupt is generated. The
Master switches to transmit mode and sends NAR (not-
acknowledge with re-transmit request), if the number of
NAR (re-transmits) is set to a non-zero value in register bits
narmax in REG 0x03<1:0>. The nar_sent interrupt is
generated for the MCU. The cesX counter is not changed.
The Master switches back to receive mode and waits for
data retransmission from the same Client.
6d
NAR
Same as 6a, if NAR is received and narmax in REG 0x03<1:0> is
nonzero, a nar_rtx interrupt is generated, afterwards the transmit
mode is switched on and the old data is retransmitted. If narmax = 0
the interrupt nar_rtx is generated but no retransmit is initiated.
5d, 6d
NAR-
Repeat
NAK
During the retransmit the timer is not re synchronized
(initial synchronization is not changed due to re-transmit). If
the receive is successful ACK is sent. If there is CRC error
NAR is sent, if the number of consecutive retransmits does
not exceed the value in the narmax register. If this number
is exceeded, NAK is send instead of NAR and the
communication error counter cesX is increased for the
affected Client.
During the retransmit the timer is not re-synchronized (initial
synchronization is not changed due to retransmit). If the transmission
was successfully, ACK will be received and the current data
transmission is terminated (as in point 6a). If there was a CRC error
and narmax is not exceeded yet, another retransmit cycle is started. If
NAK is received the communication error counter ces0 is increased
Table 28. Communication
Step
Master
Client



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com