Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 36 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 36 Page - ams AG

Back Button AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
36 - 59
AS3900
Data Sheet - Detail ed Description
8.8 Data Frames
8.8.1 Frame Structure for Timer Controlled Packet Mode
This Frame structure is always used during Pairing and Binding Modes. The maximum data length is 24 bytes and has to be reflected in the data
length value given in the data length byte. ID, Cycle time and Random Generator Pointer are user defined.
Table 30. Frame Structure
Preamble
ID
Cycle-time/ RGN-pointer
data length
data
CRC
Table 31. Frame Structure Description
Name
Length (bytes)
Value (Hex)
Register
The frame structure for all other transmission modes (streaming mode, not timer controlled modes etc.) are different and are described in the
appropriate application notes.
8.8.2 Frame Structure for ACKNOWLEDGE (ACK)
After data was received successfully (correct ID and no CRC error) ACK will be send.
Table 32. Frame Structure
Preamble
ACK
3b
If the received ID can not be found in ID list REG 0x08 to
0x1F and the reception was successful (CRC is O.K.) the
interrupt dat_rtx is set, but no ACK is sent to the client. The
MCU reads the ID from the id_new register REG 0x34 to
0x36. If the ID is confirmed (by MCU) then the MCU writes the
new ID via SDI to the ID list REG 0x08 to 0x1F.
4b
After the data is transmitted the Client enters the receive mode for
the dedicated time (datarate x 3byte). If ACK was not received the
interrupt ack_rtx is not generated. The Client transmit again data via
the command TRANSMIT. The procedure is repeated at Step 2.
MSB
──► data transmission direction ──►
LSB
16 bits
24 bits
4 + 4bits
8 bits
data from TX register maximum 192
bits
16 bits
Preamble
2 bytes
0x0017
not accessible
ID
3 bytes
user defined
(PPROM programmable)
Main Register Bank
REG 0x08, 0x09, 0x0A
Cycle time
4 bits
user defined; taken from the register in
the client chip
Shadow Register Bank,
SREG 0x0C<7:5>
RNG pointer
4 bits
user defined; taken from the register in
the client chip
Shadow Register Bank,
SREG 0x0C<4:0>
Data length
5 bits
user defined
Main Bank
REG 0x37<4:0>
Status Bits
3 bits
user defined
Main Bank
REG 0x37<7:5>
Payload data
0 – 24 bytes
user defined
REG 0x38 (MSB) to REG 0x51 (LSB)
CRC (CRC16)
2 bytes
calculated from payload data
Not accessible
16 bits
8bits
Table 29. Scan / Reconnect / Pair Clients
Step
Master
Client



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com