Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 46 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 46 Page - ams AG

Back Button AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
46 - 59
AS3900
Data Sheet - Detail ed Description
0x23
reserved
[7]
R
reserved
Lbat_ok
[6]
Signals that the battery voltage is higher than the level defined by bat<1:0>.
(only valid if lowbatsel_tx = 0)
0
BATTERY Low
1
BATTERY OK
reserved
[5:4]
reserved
rssi
[3:0]
4 bit RSSI code of current Master – Client connection
0000
0 µVrms
0001
10 µVrms
0010
20 µVrms
0011
30 µVrms
0100
40 µVrms
0101
50 µVrms
0110
60 µVrms
0111
70 µVrms
1000
80 µVrms
1001
90 µVrms
1010
100 µVrms
1011
110 µVrms
1100
120 µVrms
1101
130 µVrms
1110
140 µVrms
1111
150 µVrms
0x24 - 0x26
reserved
reserved
Interrupt Bits
0x27
active
[7:0]
R
Indication bits for actual active Timers of Master and Client
In Master mode: 8 Client timers
00000001
Timer for Client 0 is running
00000010
Timer for Client 1is running
00000100
Timer for Client 2 is running
00001000
Timer for Client 3 is running
00010000
Timer for Client 4 is running
00100000
Timer for Client 5 is running
01000000
Timer for Client 6 is running
10000000
Timer for Client 7 is running
11111111
Timers for all Clients are running
In Client mode: 1st timer is Client timer
00000000
Timer at Client is stopped
00000001
Timer at Client is running
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com