Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 53 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 53 Page - ams AG

Back Button AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
53 - 59
AS3900
Data Sheet - Detail ed Description
Figure 25. Battery Level Indicator
8.10.4 Battery Level Indicator
The AS3900 has an integrated battery level detection, which is realized with an analog comparator. The actual battery level is compared to a
reference voltage that can be set via the SDI interface. The reference voltage can be selected between 2.6V to 2.0V in REG 0x21<1:0>, and has
a hysteresis of ±40mV. The output of the comparator can be selected inverted analog or digital faked output signal via lowbatsel_tx in REG
0x07<7>. Depending on this setting the comparator output bit is routed to lowbatval_tx in REG 0x07<6> or Lbat_ok in REG 0x23<6>.
The comparator can only indicate if the reference level is lower or higher than the actual battery level. In order to get the correct level of the
battery, the reference voltage needs to be set to a lower value via the SDI interface, if the output signal of the comparator indicates battery =
LOW.
With this algorithm the reference level is always updated and reflects the actual battery level that can be read out in REG 0x21<1:0>.
8.10.5 Output Power Selection
The AS3900 has a kind of integrated class D power amplifier that output power can be changed by changing the load impedance seen by the PA.
Furthermore the output power can be varied by the switching from differential output to single ended mode.
8.10.5.1 Single Ended / Differential
In single ended mode the second output RF2OUT is always tight to GND. Only RF1OUT delivers an RF-signal close to VDD with a frequency of
the crystal oscillator. This adjustment can be set via the single bit in the REG 0x21<2>.
In differential mode RF1OUT is switched to VDD and RF2OUT is switched to GND for the first cycle. For the second cycle RF1OUT is switched
to GND and RF2OUT is switched to VDD. In differential mode the output voltage between RF1OUT and RF2OUT is approximately twice the
VDD.
Note: It
is important to note that the PA switches their output automatically to GND during the AS3900 is in receive mode (LNA is turned on).
It is possible to set the PA outputs manually to GND via the bit fzero in REG 0x21<0>.
8.10.5.2 Output Impedance
The output impedance Rout can be set to 25Ω or 12.5Ω. Rout describes the sum of both output stages (RF1OUT and RF2OUT) and limits the
current that drives the antenna and matching network. The output impedance can be changed by the bit half in REG 0x21<1>. Rout was
implemented to prevent the AS3900 from burning, if the outputs of the PA are shorted.
8.10.5.3 Calculation of the load impedance for a desired output power
The output power can be calculated as following using the PA differentially:
PdBm
()
10,
UANT MATCH
RMS
+
()
2
RANT MATCH
+
1mW
×
---------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
log
=
Where:
UANT MATCH
RMS
+
VDD
U
Δ
–
2
---------------------------
=
U 0,1V
≅
CLIENT2
CLIENT3
CLIENT4
CLIENT5
CLIENT6
CLIENT7
CLIENT8
CYCLE TIME = 125ms
CLIENT1
Pseudo Random Pointer
Cycle Time -30%
Cycle Time +30%
Time Slot max = 15.6ms
Example: 105kbps
2.9ms
CLIENT1
Pseudo Random Pointer
CLIENT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com