Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 48 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 48 Page - ams AG

Back Button AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
48 - 59
AS3900
Data Sheet - Detail ed Description
0x2F
dabuf<31:0>
[7:0]
R/W
Acknowledge Data sent from Master (sending 4 bytes) received by the Client
in ACP mode
0x30
0x31
0x32
0x33
acp2
[7]
R/W
Enable bit indicating that data2 (dabuf<31:0>) should be sent. This bit is
cleared after dabuf was sent
0
Disabled
1
Enabled
sid2<2:0>
[6:4]
R
Short client ID for ACP where the data2 (dabuf<31:0>) should be sent
iit
[3]
idnew is identical to data in ID list at location sid<2:0>
sid
[2:0]
Short client ID related to idx<23:0> where x = 0,1,2,3,4,5,6,7
Data Frame related Bytes
0x34
idnew<23:0>
[7:0]
R/W
ID of newly detected Client at Pairing mode
0x35
0x36
0x37
user_status2
[7]
R/W
Client Status bit 2: value is user defined
user_status1
[6]
R/W
Client Status bit 1: value is user defined
user_status0
[5]
R/W
Client Status bit 0: value is user defined
dlen
[4:0]
R/W
Decided data length for client / received client data length in master mode
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com